Electronic Components Datasheet Search
  English  ▼

X  

CMR Datasheet (PDF) - Sensata Technologies, Inc.

CMR Datasheet PDF - Sensata Technologies, Inc.
Part # CMR
Download  CMR Download
File Size   344.85 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT SOLID STATE RELAYS

CMR Datasheet (PDF)

Go To PDF Page Download Datasheet
CMR Datasheet PDF - Sensata Technologies, Inc.

Part # CMR
Download  CMR Click to download

File Size   344.85 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DIN RAIL MOUNT SOLID STATE RELAYS

CMR Datasheet (HTML) - Sensata Technologies, Inc.


CMR Product details

Features
• Ratings from 45A to 65A @ 660 VAC
• 45mm (width) package
• SCR output for heavy industrial loads
• LED input status indicator
• AC or DC control
• Zero-crossing (resistive loads) output




Similar Part No. - CMR

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CMR CRYDOM-CMR Datasheet
127Kb / 3P
Crydoms CMR Series
logo
Cornell Dubilier Electr...
CMR CDE-CMR Datasheet
305Kb / 6P
High-Reliability Dipped Capacitors/MIL-PRF-39001
logo
Murata Power Solutions ...
CMR MURATA-PS-CMR Datasheet
297Kb / 11P
Isolated 0.75W Single and Dual Output Isolated DC/DC Converters
CMR MURATA-PS-CMR Datasheet
328Kb / 14P
Isolated 0.75W Single and Dual Output Isolated DC-DC Converters
2022
logo
Sensata Technologies, I...
CMR SENSATA-CMR Datasheet
311Kb / 4P
DIN RAIL MOUNT SOLID STATE RELAYS
Rev. 03/25/2024
More results


Similar Description - CMR

ManufacturerPart #DatasheetDescription
logo
celduc-relais
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
Solid State Relay for DIN rail fixation
XKH20120 CELDUC-XKH20120 Datasheet
186Kb / 2P
Solid State Relay for DIN rail fixation
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
Solid State Relay for DIN rail fixation
XKR24440 CELDUC-XKR24440 Datasheet
100Kb / 2P
Solid State Relay for DIN rail fixation
XKRD30506 CELDUC-XKRD30506 Datasheet
368Kb / 2P
Solid State Relay for DIN rail fixation
logo
Crydom Inc.,
SDR24D12 CRYDOM-SDR24D12 Datasheet
1Mb / 6P
DIN RAIL MOUNTED AC & DC OUTPUT SOLID STATE RELAYS
logo
celduc-relais
XKD CELDUC-XKD Datasheet
620Kb / 3P
Solid State Relay for DIN rail fixation
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com