Electronic Components Datasheet Search
  English  ▼

X  

0709282003 Datasheet (PDF) - Molex Electronics Ltd.

0709282003 Datasheet PDF - Molex Electronics Ltd.
Part # 0709282003
Download  0709282003 Download
File Size   39.3 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description LFH™ Interconnect System

0709282003 Datasheet (PDF)

Go To PDF Page Download Datasheet
0709282003 Datasheet PDF - Molex Electronics Ltd.

Part # 0709282003
Download  0709282003 Click to download

File Size   39.3 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description LFH™ Interconnect System

0709282003 Datasheet (HTML) - Molex Electronics Ltd.


0709282003 Product details

Description: 1.27mm Pitch LFH™ Matrix 50 Receptacle, Shielded, Right Angle, 2.01mm PC Tail Length, 4-40 Hex Screw Kit, Gold Plating, 60 Circuits

General
Product Family I/O Connectors
Series 70928
Application Board-to-Board, Wire-to-Board
Comments Dim.B for 1.00mm max. Panel Thickness is 9.65mm and
10.67mm for 1.63mm max. Panel Thickness
Component Type Receptacle
Overview LFH™ Interconnect System
Product Name LFH™
Type N/A
UPC 800754354943




Similar Part No. - 0709282003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0709282000 MOLEX-0709282000 Datasheet
38Kb / 2P
LFH™ Interconnect System
04/07/2016
More results


Similar Description - 0709282003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106073-0020 MOLEX-106073-0020 Datasheet
350Kb / 2P
SnapMate??Optical Interconnect System
86086-5200 MOLEX-86086-5200 Datasheet
218Kb / 3P
MTP Backplane Interconnect System (BMTP)
106186-0017 MOLEX-106186-0017 Datasheet
476Kb / 2P
MTP* Backplane Interconnect System (BMTP)
logo
Tyco Electronics
1-103640-3 MACOM-1-103640-3 Datasheet
633Kb / 6P
AMPMODU MTE Interconnect System
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
AMPMODU MTE Interconnect System
5-103908-5 MACOM-5-103908-5 Datasheet
633Kb / 6P
AMPMODU MTE Interconnect System
logo
Molex Electronics Ltd.
1718564006 MOLEX1-1718564006 Datasheet
38Kb / 2P
KK Interconnect System
ATS-621000100 MOLEX-ATS-621000100 Datasheet
173Kb / 4P
LFH??Ferrule Crimp Hand Tool
03-12-09
ATS-621000200 MOLEX-ATS-621000200 Datasheet
173Kb / 4P
LFH??Ferrule Crimp Hand Tool
03-12-09
051260011 MOLEX-051260011 Datasheet
237Kb / 3P
LFH, .075 PITCH, 96 LFH, CIRCUIT, VERTICAL I/O PLUG CONNECTOR
2019/11/12
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com