Electronic Components Datasheet Search
  English  ▼

X  

0AKR Datasheet (PDF) - Bel Fuse Inc.

0AKR Datasheet PDF - Bel Fuse Inc.
Part # 0AKR
Download  0AKR Download
File Size   342.72 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC rated ceramic tube fuse

0AKR Datasheet (PDF)

Go To PDF Page Download Datasheet
0AKR Datasheet PDF - Bel Fuse Inc.

Part # 0AKR
Download  0AKR Click to download

File Size   342.72 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC rated ceramic tube fuse

0AKR Datasheet (HTML) - Bel Fuse Inc.


0AKR Product details

Features
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863

Applications
EV/HEV Applications




Similar Part No. - 0AKR

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0AKR BEL-0AKR Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
0AKRBK150-BB BEL-0AKRBK150-BB Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
0AKRBK200-BB BEL-0AKRBK200-BB Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
0AKRBK250-BB BEL-0AKRBK250-BB Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
0AKRBK300-BB BEL-0AKRBK300-BB Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
More results


Similar Description - 0AKR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0298040 LITTELFUSE-0298040 Datasheet
223Kb / 2P
MEGA Fuse Rated 32V
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
TFATO LITTELFUSE-TFATO Datasheet
169Kb / 1P
Blade Fuse Rated 90V
TOE LITTELFUSE-TOE Datasheet
194Kb / 2P
Blade Fuse Rated 58V
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
Solar Rated Midget Fuse
0214005.LXN LITTELFUSE-0214005.LXN Datasheet
108Kb / 1P
Thermoplastic Fuse Rated 36V
logo
Bel Fuse Inc.
0ADKC BEL-0ADKC Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
0ACG-1000-XX BEL-0ACG-1000-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
0AKR BEL-0AKR Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com