Electronic Components Datasheet Search
  English  ▼

X  

BAS21H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BAS21H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BAS21H
Download  BAS21H Download
File Size   467.55 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 250V High Speed Switching Diode

BAS21H Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BAS21H
Download  BAS21H Click to download

File Size   467.55 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mA, 250V High Speed Switching Diode

BAS21H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BAS21H Product details

FEATURES
AEC-Q101 qualified
Fast switching speed
Low leakage current
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
High-speed switching at high voltage
High-voltage general-purpose switching
Voltage clamping
Reverse polarity protection




Similar Part No. - BAS21H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
logo
Weitron Technology
BAS21H WEITRON-BAS21H Datasheet
327Kb / 3P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS21H NXP-BAS21H Datasheet
64Kb / 10P
Single high-voltage switching diode
Rev. 02 - 3 November
logo
SeCoS Halbleitertechnol...
BAS21H SECOS-BAS21H Datasheet
136Kb / 2P
Surface Mount Switching Diode
logo
Shenzhen Luguang Electr...
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
High Voltage Switching Diodes
More results


Similar Description - BAS21H

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
logo
SUNMATE electronic Co.,...
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS400T1 SUNMATE-1SS400T1 Datasheet
187Kb / 2P
200mA Surface Mount High Speed Switching Diode
BAS16HT1 SUNMATE-BAS16HT1 Datasheet
304Kb / 2P
200mA Surface Mount Switching Diode
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
200mA Surface Mount Switching Diode
logo
Renesas Technology Corp
H5N2507P RENESAS-H5N2507P_15 Datasheet
127Kb / 7P
250V - 50A - MOS FET High Speed Power Switching
logo
Taiwan Semiconductor Co...
BAS19W TSC-BAS19W Datasheet
143Kb / 5P
SOT-323 100-250V/200mA Switching Diode
logo
WILLAS ELECTRONIC CORP
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
200mA Speed Switching Diode-100V
logo
Taiwan Semiconductor Co...
BAV19WS-G TSC-BAV19WS-G Datasheet
162Kb / 4P
200mA, 120V - 250V Switching Diodes
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com