Electronic Components Datasheet Search
  English  ▼

X  

TLV2354MFKB Datasheet (PDF) - Texas Instruments

TLV2354MFKB Datasheet PDF - Texas Instruments
Part # TLV2354MFKB
Download  TLV2354MFKB Download
File Size   350.17 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS

TLV2354MFKB Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV2354MFKB Datasheet PDF - Texas Instruments

Part # TLV2354MFKB
Download  TLV2354MFKB Click to download

File Size   350.17 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS

TLV2354MFKB Datasheet (HTML) - Texas Instruments


TLV2354MFKB Product details

Wide Range of Supply Voltages
2 V to 8 V
Fully Characterized at 3 V and 5 V
Very-Low Supply-Current Drain
240 mA Typ at 3 V
Common-Mode Input Voltage Range
Includes Ground
High Input Impedance . . . 1012 W Typ
Fast Response Time . . . 200 ns Typ for
TTL-Level Input Step
Extremely Low Input Bias Current
5 pA Typ
Output Compatible With TTL, MOS, and
CMOS
Built-In ESD Protection

description
The TLV2354 consists of four independent,
low-power comparators specifically designed for
single power-supply applications and operateS
with power-supply rails as low as 2 V. When
powered from a 3-V supply, the typical supply
current is only 240 mA.
The TLV2354 is designed using the Texas Instruments LinCMOSE technology and, therefore, features an
extremely high input impedance (typically greater than 1012 W), which allows direct interfacing with
high-impedance sources. The outputs are N-channel open-drain configurations that require an external pullup
resistor to provide a positive output voltage swing, and they can be connected to achieve positive-logic
wired-AND relationships. The TLV2354I is fully characterized for operation from – 40°C to 85°C. The TLV2354M
is fully characterized for operation from – 55°C to 125°C.
The TLV2354 has internal electrostatic-discharge (ESD)-protection circuits and has been classified with a
1000-V ESD rating using human body model testing. However, care should be exercised in handling this device
as exposure to ESD may result in degradation of the device parametric performance.




Similar Part No. - TLV2354MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2354MFKB TI1-TLV2354MFKB Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results


Similar Description - TLV2354MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC354 TI-TLC354 Datasheet
183Kb / 11P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
Quadruple Differential Comparators
logo
Texas Instruments
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLV2352 TI1-TLV2352_15 Datasheet
861Kb / 24P
LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com