Electronic Components Datasheet Search
  English  ▼

X  

TLV1572ID Datasheet (PDF) - Texas Instruments

TLV1572ID Datasheet PDF - Texas Instruments
Part # TLV1572ID
Download  TLV1572ID Download
File Size   298.69 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN

TLV1572ID Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1572ID Datasheet PDF - Texas Instruments

Part # TLV1572ID
Download  TLV1572ID Click to download

File Size   298.69 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN

TLV1572ID Datasheet (HTML) - Texas Instruments


TLV1572ID Product details

Fast Throughput Rate: 1.25 MSPS
8-Pin SOIC Package
Differential Nonlinearity Error: < ±1 LSB
Integral Nonlinearity Error: < ±1 LSB
Signal-to-Noise and Distortion Ratio: 59 dB,
f(input) = 500 kHz
Single 3-V to 5-V Supply Operation
Very Low Power: 8 mW at 3V; 25mW at 5 V
Auto-Powerdown: 10 μA Maximum
Glueless Serial Interface to TMS320 DSPs
and (Q)SPI Compatible Micro-Controllers
Inherent Internal Sample and Hold
Operation

Applications
Mass Storage and HDD
Automotive
Digital Servos
Process Control
General Purpose DSP
Contact Image Sensor Processing

description
The TLV1572 is a high-speed 10-bit successive-approximation analog-to-digital converter (ADC) that operates
from a single 2.7-V to 5.5-V power supply and is housed in a small 8-pin SOIC package.
The TLV1572 accepts an analog input range from 0 to VCC and digitizes the input at a maximum 1.25 MSPS
throughput rate. The power dissipation is only 8 mW with a 3-V supply or 25 mW with a 5-V supply. The device
features an auto-powerdown mode that automatically powers down to 10 μA whenever a conversion is not
performed.
The TLV1572 communicates with digital microprocessors via a simple 3- or 4-wire serial port that interfaces
directly to the Texas Instruments TMS320 DSPs and (Q)SPI compatible microcontrollers without using
additional glue logic.
Very high throughput rate, simple serial interface, SO-8 package, 3-V operation, and low power consumption
make the TLV1572 an ideal choice for compact or remote high-speed systems.




Similar Part No. - TLV1572ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1572ID TI-TLV1572ID Datasheet
192Kb / 13P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572ID TI1-TLV1572ID Datasheet
504Kb / 15P
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572ID TI1-TLV1572ID Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572IDG4 TI1-TLV1572IDG4 Datasheet
504Kb / 15P
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1572IDG4 TI1-TLV1572IDG4 Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results


Similar Description - TLV1572ID

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
logo
Texas Instruments
THS1030 TI-THS1030 Datasheet
302Kb / 22P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031 TI-THS1031 Datasheet
358Kb / 26P
2.7 V . 5.5 V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI-TLV1572 Datasheet
192Kb / 13P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
THS1031CPW TI-THS1031CPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
THS1031IPW TI-THS1031IPW Datasheet
734Kb / 41P
3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
TLV1572IDR TI1-TLV1572IDR Datasheet
504Kb / 15P
SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1572 TI1-TLV1572_14 Datasheet
515Kb / 16P
2.7 V TO 5.5 V, 10-BIT, 1.25 MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER WITH AUTO-POWERDOWN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com