Electronic Components Datasheet Search
  English  ▼

X  

TLC5920DL Datasheet (PDF) - Texas Instruments

TLC5920DL Datasheet PDF - Texas Instruments
Part # TLC5920DL
Download  TLC5920DL Download
File Size   312.24 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16x8 BIT LED DRIVER/CONTROLLER

TLC5920DL Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC5920DL Datasheet PDF - Texas Instruments

Part # TLC5920DL
Download  TLC5920DL Click to download

File Size   312.24 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16x8 BIT LED DRIVER/CONTROLLER

TLC5920DL Datasheet (HTML) - Texas Instruments


TLC5920DL Product details

Drive Capability:
– Segment . . . 30 mA × 16 Bits
– Common . . . 640 mA
Constant Current Output . . . 3 mA to 30 mA
(Current Value Setting for All Channels
Using External Resistor)
Constant Current Accuracy ±6% (Maximum
Error Between Bits)
Data Input: Clock Synchronized Serial Input
LED Type Applied Cathode Common
Logic Power Supply Voltage 4.5 V to 5.5 V
LED Power Supply Voltage 4.5 V to 5.5 V
Operating Frequency . . . 10 MHz
Operating Free-Air Temperature Range
–20°C to 85°C
48-Pin SSOL Package

description
The TLC5920 is an LED driver incorporating a
16-channel shift register, data latch, and constant
current circuitry with current value control and
8-channel common driver into a single chip. The
constant output current is capable of 30 mA for 16
bits simultaneously, and the current value can be
set by one external register. This device also
includes a 16-bit segment driver and 8-bit
common driver; therefore, the monocolor LED
array with 16 × 8 dots can be driven by only one
TLC5920, and a two-color LED array with 16 x 16
dots can be driven by two TLC5920s.




Similar Part No. - TLC5920DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5920DL TI-TLC5920DL Datasheet
178Kb / 12P
16x8 BIT LED DRIVER/CONTROLLER
TLC5920DL TI1-TLC5920DL Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
TLC5920DLG4 TI1-TLC5920DLG4 Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
TLC5920DLR TI1-TLC5920DLR Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
TLC5920DLRG4 TI1-TLC5920DLRG4 Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
More results


Similar Description - TLC5920DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5920 TI-TLC5920 Datasheet
178Kb / 12P
16x8 BIT LED DRIVER/CONTROLLER
logo
System Logic Semiconduc...
SL70D0948 SLS-SL70D0948 Datasheet
149Kb / 17P
48 OUTPUT LED DRIVER / 9 BIT PWM CONTROLLER
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
Linear Technology
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
LDT Co., Ltd
LD1510 LDT-LD1510 Datasheet
389Kb / 25P
3Channel Output LED Driver with 12 bit PWM Controller
logo
Linear Technology
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
LDT Co., Ltd
LD1048C LDT-LD1048C Datasheet
450Kb / 28P
10 bit PWM Controller 48Channel Output LED Driver
logo
Texas Instruments
TLC5920 TI1-TLC5920_09 Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
PSR & PFC LED DRIVER CONTROLLER
UL22 UTC-UL22 Datasheet
411Kb / 13P
LED DRIVER CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com