Electronic Components Datasheet Search
  English  ▼

X  

TLC0838CPW Datasheet (PDF) - Texas Instruments

TLC0838CPW Datasheet PDF - Texas Instruments
Part # TLC0838CPW
Download  TLC0838CPW Download
File Size   345.28 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL

TLC0838CPW Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC0838CPW Datasheet PDF - Texas Instruments

Part # TLC0838CPW
Download  TLC0838CPW Click to download

File Size   345.28 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL

TLC0838CPW Datasheet (HTML) - Texas Instruments


TLC0838CPW Product details

8-Bit Resolution
Easy Microprocessor Interface or
Stand-Alone Operation
Operates Ratiometrically or With 5-V
Reference
4- or 8-Channel Multiplexer Options With
Address Logic
Input Range 0 to 5 V With Single 5-V Supply
Remote Operation With Serial Data Link
Inputs and Outputs Are Compatible With
TTL and MOS
Conversion Time of 32 ms at
fclock = 250 kHz
Functionally Equivalent to the ADC0834
and ADC0838 Without the Internal Zener
Regulator Network
Total Unadjusted Error . . . ±1 LSB




Similar Part No. - TLC0838CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0838CPW TI-TLC0838CPW Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838CPWG4 TI-TLC0838CPWG4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838CPWR TI-TLC0838CPWR Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838CPWRG4 TI-TLC0838CPWRG4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Similar Description - TLC0838CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI-TLC0834C Datasheet
226Kb / 15P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_14 Datasheet
905Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_16 Datasheet
911Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com