Electronic Components Datasheet Search
  English  ▼

X  

TL35072P Datasheet (PDF) - Texas Instruments

TL35072P Datasheet PDF - Texas Instruments
Part # TL35072P
Download  TL35072P Download
File Size   179.86 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS

TL35072P Datasheet (PDF)

Go To PDF Page Download Datasheet
TL35072P Datasheet PDF - Texas Instruments

Part # TL35072P
Download  TL35072P Click to download

File Size   179.86 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS

TL35072P Datasheet (HTML) - Texas Instruments


TL35072P Product details

Wide Gain-Bandwidth Product . . . 4.5 MHz
High Slew Rate . . . 13 V/μs
Fast Settling Time . . . 1.1 μs to 0.1%
Wide-Range Single-Supply Operation
4 V to 44 V
Wide Input Common-Mode Range Includes
Ground (VCC−)
Low Total Harmonic Distortion . . . 0.02%
Low Input Offset Voltage . . . 3 mV Max
(A Suffix)
Large Output Voltage Swing
−14.7 V to 14 V (With ±15-V Supplies)
Large Capacitance Drive Capability
10,000 pF
Excellent Phase Margin . . . 60°
Excellent Gain Margin . . . 12 dB
Output Short-Circuit Protection




Similar Part No. - TL35072P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL35072P TI-TL35072P Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL35072PE4 TI-TL35072PE4 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL35072PR TI-TL35072PR Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results


Similar Description - TL35072P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3472 TI-TL3472 Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI-TL3X071 Datasheet
109Kb / 8P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL3474 TI-TL3474 Datasheet
359Kb / 15P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3474 TI-TL3474_07 Datasheet
505Kb / 17P
HIGH-SLEW-RATE,SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL33071 TI1-TL33071 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3X071 TI1-TL3X071_08 Datasheet
108Kb / 6P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com