Electronic Components Datasheet Search
  English  ▼

X  

TCM1050 Datasheet (PDF) - Texas Instruments

TCM1050 Datasheet PDF - Texas Instruments
Part # TCM1050
Download  TCM1050 Download
File Size   187.02 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL TRANSIENT-VOLTAGE SUPPRESSORS

TCM1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCM1050 Datasheet PDF - Texas Instruments

Part # TCM1050
Download  TCM1050 Click to download

File Size   187.02 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL TRANSIENT-VOLTAGE SUPPRESSORS

TCM1050 Datasheet (HTML) - Texas Instruments


TCM1050 Product details

Meet or Exceed Bell Standard LSSGR
Requirements
Externally-Controlled Negative Firing
Voltage . . . –90 V Max
Accurately Controlled, Wide Negative
Firing Voltage Range . . . –5 V to –85 V
Positive Surge Current (see Note 1):
TCM1030 TCM1050
10/1000 16 A 30 A
10/160 25 A 45 A
2/10 35 A 50 A
Negative Surge Current (see Note 1):
TCM1030 TCM1050
10/1000 –16 A –25 A
10/160 –25 A –29 A
2/10 –35 A –36 A
High Holding Current
– TCM1030 . . . 100 mA Min
– TCM1050 . . . 150 mA Min




Similar Part No. - TCM1050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM1050 TI-TCM1050 Datasheet
114Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI1-TCM1050 Datasheet
118Kb / 9P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI1-TCM1050 Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050 TI1-TCM1050 Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050D TI-TCM1050D Datasheet
114Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
More results


Similar Description - TCM1050

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP1072F3 POINN-TISP1072F3 Datasheet
483Kb / 17P
DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP1082 POINN-TISP1082 Datasheet
248Kb / 11P
DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2240F3 POINN-TISP2240F3 Datasheet
609Kb / 18P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP2290 POINN-TISP2290 Datasheet
211Kb / 11P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
TISP3180 POINN-TISP3180 Datasheet
195Kb / 11P
DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Texas Instruments
TCM1030 TI-TCM1030 Datasheet
114Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030_1998 TI1-TCM1030_1998 Datasheet
117Kb / 8P
DUAL TRANSIENT-VOLTAGE SUPPRESSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com