Electronic Components Datasheet Search
  English  ▼

X  

MAX15004BAUE Datasheet (PDF) - Maxim Integrated Products

MAX15004BAUE Datasheet PDF - Maxim Integrated Products
Part # MAX15004BAUE
Download  MAX15004BAUE Download
File Size   536.18 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers

MAX15004BAUE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX15004BAUE Datasheet PDF - Maxim Integrated Products

Part # MAX15004BAUE
Download  MAX15004BAUE Click to download

File Size   536.18 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers

MAX15004BAUE Datasheet (HTML) - Maxim Integrated Products


MAX15004BAUE Product details

General Description
The MAX15004A/B/MAX15005A/B high-performance, current-mode PWM controllers operate at an automotive input voltage range from 4.5V to 40V (load dump). The input voltage can go lower than 4.5V after startup if IN is bootstrapped to a boosted output voltage. The controllers integrate all the building blocks necessary for implementing fixed-frequency isolated/nonisolated power supplies. The general-purpose boost, flyback, forward, and SEPIC converters can be designed with ease around the MAX15004/MAX15005.

Benefts and Features
● Wide Supply Voltage Range Meets Automotive
   Power-Supply Operating Requirement Including
   “Cold Crank” Conditions
   • 4.5V to 40V Operating Input Voltage Range
      (Can Operate at Lower Voltage After Startup if
      Input is Bootstrapped to a Boosted Output)
● Control Architecture Offers Excellent Performance
   While Simplifying the Design
   • Current-Mode Control
   • 300mV, 5% Accurate Current-Limit Threshold
      Voltage
   • Programmable Slope Compensation
   • 50% (MAX15004) or Adjustable (MAX15005)
      Maximum Duty Cycle
● Accurate, Adjustable Switching Frequency and
   Synchronization Avoids Interference with Sensitive Radio Bands
   • Switching Frequency Adjustable from 15kHz to
      500kHz (1MHz for the MAX15005A/B)
   • RC Programmable 4% Accurate Switching
      Frequency
   • External Frequency Synchronization
● Built-In Protection Capability for Improved System Reliability
   • Cycle-by-Cycle and Hiccup Current-Limit Protection
   • Overvoltage and Thermal-Shutdown Protection
   • -40°C to +125°C Automotive Temperature Range
   • AEC-Q100 Qualified
  
Applications
● Automotive
● Vacuum Fluorescent Display (VFD) Power Supply
● Isolated Flyback, Forward, Nonisolated SEPIC, Boost Converters




Similar Part No. - MAX15004BAUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
570Kb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004BAUE MAXIM-MAX15004BAUE Datasheet
1Mb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004BAUE+ MAXIM-MAX15004BAUE+ Datasheet
567Kb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX15004BAUEV MAXIM-MAX15004BAUEV Datasheet
1Mb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results


Similar Description - MAX15004BAUE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Maxim Integrated Produc...
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
Boost/SEPIC Controllers
Rev 3; 7/13
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Maxim Integrated Produc...
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
logo
Linear Technology
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com