Electronic Components Datasheet Search
  English  ▼

X  

QPC4510 Datasheet (PDF) - Qorvo, Inc

QPC4510 Datasheet PDF - Qorvo, Inc
Part # QPC4510
Download  QPC4510 Download
File Size   1223.43 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description K - Band Upconverter

QPC4510 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC4510 Datasheet PDF - Qorvo, Inc

Part # QPC4510
Download  QPC4510 Click to download

File Size   1223.43 Kbytes
Page   25 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description K - Band Upconverter

QPC4510 Datasheet (HTML) - Qorvo, Inc


QPC4510 Product details

Product Description
The QORVO QPC4510 is a K-Band image reject
upconverter mixer with integrated x2 LO buffer amplifier
and output variable gain amplifier. The QPC4510 outputs
an RF frequency from 17.7 to 26.5 GHz using IF inputs
from DC to 4.0 GHz and a corresponding LO frequency. It
is designed using QORVO’s pHEMT production process.
The QPC4510 typically provides 32 dBm of output TOI at
–10 dBm input power per tone and has a conversion gain
of 13 dB. Optional nulling of the LO can improve LO
Isolation by 30 dB.
The QPC4510 is available in a low-cost, surface mount 28
lead 5x5mm QFN package and is ideally suited for Pointto-
Point Radio, and K-Band VSAT Ground Terminal.

Product Features
• RF Frequency Range: 17.7 – 26.5 GHz
• IF Frequency: DC – 4.0 GHz
• LO Frequency: 6.85 – 15.25 GHz
• LO Input Power: 2 to 10 dBm
• Conversion Gain: 13 dB
• OTOI: 32 dBm at max gain
• Attenuation Range: 30 dB typical
• Bias 5.0 V, 360 mA, 3.3 V, 180 mA
• Package Dimensions: 5.0 x 5.0 x 1.3 mm

Applications
• VSAT Ground Terminal
• Point-to-Point Radio
• Millimeter Wave Communications




Similar Part No. - QPC4510

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043EVB-01 QORVO-QPC4043EVB-01 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043SB QORVO-QPC4043SB Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043SR QORVO-QPC4043SR Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
QPC4043TR7 QORVO-QPC4043TR7 Datasheet
1,010Kb / 17P
75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
More results


Similar Description - QPC4510

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2643 RFMD-RF2643 Datasheet
375Kb / 16P
3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
logo
Motorola, Inc
MRFIC1884 MOTOROLA-MRFIC1884 Datasheet
52Kb / 4P
Dual-Band CDMA Upconverter
logo
TriQuint Semiconductor
TGC2510-SM TRIQUINT-TGC2510-SM Datasheet
1Mb / 22P
Ku-Band Upconverter
TGC2510-SM TRIQUINT-TGC2510-SM_15 Datasheet
919Kb / 23P
Ku-Band Upconverter
TGC4510-SM TRIQUINT-TGC4510-SM_15 Datasheet
1Mb / 28P
K Band Upconverter
logo
Analog Devices
HMC7053 AD-HMC7053 Datasheet
313Kb / 8P
Ka-Band Block Upconverter
HMC7584LG AD-HMC7584LG Datasheet
185Kb / 2P
E-BAND UPCONVERTER SIP 71 - 76 GHz
logo
Qorvo, Inc
TGC4510-SM QORVO-TGC4510-SM Datasheet
1Mb / 25P
K - Band Upconverter
TGC2510-SM QORVO-TGC2510-SM Datasheet
1,014Kb / 23P
Ku - Band Upconverter
logo
Analog Devices
HMC7056A AD-HMC7056A Datasheet
986Kb / 8P
Ka-Band Block Upconverter With HPA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com