Electronic Components Datasheet Search
  English  ▼

X  

QPC1251Q Datasheet (PDF) - Qorvo, Inc

QPC1251Q Datasheet PDF - Qorvo, Inc
Part # QPC1251Q
Download  QPC1251Q Download
File Size   1297.62 Kbytes
Page   20 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description BROADBAND HIGH LINEARITY E-CALL ANTENNA ROUTING SWITCH

QPC1251Q Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC1251Q Datasheet PDF - Qorvo, Inc

Part # QPC1251Q
Download  QPC1251Q Click to download

File Size   1297.62 Kbytes
Page   20 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description BROADBAND HIGH LINEARITY E-CALL ANTENNA ROUTING SWITCH

QPC1251Q Datasheet (HTML) - Qorvo, Inc


QPC1251Q Product details

Applications
• eCall switching applications
• Telematic Control Unit Modules

Product Overview
The QPC1251Q is a low loss, high linearity antenna routing switch that is designed to enable Emergency Calling (e-Call) functionality in the telematics control unit (TCU). In the case of an emergency situation where antennas may become damaged or covered, the QPC1251Q allows a primary cellular link to be switched to other antennas in the automobile to establish emergency communication. The control interface for the QPC1251Q is an RFFE serial control system that is compliant with the V2.1 MIPI standard.

Key Features
• Qualified to AEC-Q100 Grade 2
• Excellent insertion loss and Isolation performance
• High linearity
• RFFE V2.1 control interface
• Broadband performance suitable for multiple air Interfaces including 5G applications up to 6 GHz
• Very low current consumption
• DC blocking capacitors not required in typical application
• Single Vio supply
• Hot Switching Input power up to +37 dBm




Similar Part No. - QPC1251Q

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC1217Q QORVO-QPC1217Q Datasheet
811Kb / 11P
General Purpose DPDT Transfer Switch
QPC1217QPCK01 QORVO-QPC1217QPCK01 Datasheet
811Kb / 11P
General Purpose DPDT Transfer Switch
QPC1217QSB QORVO-QPC1217QSB Datasheet
811Kb / 11P
General Purpose DPDT Transfer Switch
QPC1217QSR QORVO-QPC1217QSR Datasheet
811Kb / 11P
General Purpose DPDT Transfer Switch
QPC1217QTR13-5K QORVO-QPC1217QTR13-5K Datasheet
811Kb / 11P
General Purpose DPDT Transfer Switch
More results


Similar Description - QPC1251Q

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Maxim Integrated Produc...
MAX3524 MAXIM-MAX3524 Datasheet
176Kb / 7P
Low-Noise, High-Linearity Broadband Amplifier
Rev 2; 6/05
logo
Applied Micro Circuits ...
PRS64GU AMCC-PRS64GU Datasheet
304Kb / 2P
Packet Routing Switch
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Sony Corporation
CXM3540XR SONY-CXM3540XR Datasheet
177Kb / 7P
High Linearity DP4T Antenna Switch for GSM/UMTS/CDMA
logo
RF Micro Devices
RF3315 RFMD-RF3315_12 Datasheet
864Kb / 16P
BROADBAND HIGH LINEARITY AMPLIFIER
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2977 IDT-F2977 Datasheet
3Mb / 18P
High Linearity Broadband SP2T 30MHz to 6GHz
logo
Renesas Technology Corp
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com