Electronic Components Datasheet Search
  English  ▼

X  

0AKH Datasheet (PDF) - Bel Fuse Inc.

0AKH Datasheet PDF - Bel Fuse Inc.
Part # 0AKH
Download  0AKH Download
File Size   357.99 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 1000VDC rated Square Body fuse, designed for EV/ESS

0AKH Datasheet (PDF)

Go To PDF Page Download Datasheet
0AKH Datasheet PDF - Bel Fuse Inc.

Part # 0AKH
Download  0AKH Click to download

File Size   357.99 Kbytes
Page   3 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 1000VDC rated Square Body fuse, designed for EV/ESS

0AKH Datasheet (HTML) - Bel Fuse Inc.


0AKH Product details

Features
- 1000Vdc ideal for EV or HEV application
- Excellent DC performance
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863

Applications
EV/HEV/ESS Applications




Similar Part No. - 0AKH

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0AKH BEL-0AKH Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0AKHBK350-BA BEL-0AKHBK350-BA Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0AKHBK400-BA BEL-0AKHBK400-BA Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0AKHBK450-BA BEL-0AKHBK450-BA Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0AKHBK500-BA BEL-0AKHBK500-BA Datasheet
520Kb / 3P
Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
More results


Similar Description - 0AKH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PV-8A10F COOPER-PV-8A10F Datasheet
228Kb / 2P
PV Fuse Protects Photovoltaic Panels up to 1000Vdc
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
Square Body Accessories
logo
Littelfuse
216 LITTELFUSE-216 Datasheet
1Mb / 4P
5횞20mm fast-acting ceramic body cartridge fuse designed to IEC specification
216SP LITTELFUSE-216SP Datasheet
894Kb / 3P
5횞20mm fast-acting ceramic body cartridge fuse Designed to IEC specification
217 LITTELFUSE-217 Datasheet
995Kb / 4P
5횞20mm fast-acting glass body cartridge fuse designed to IEC specification
219XA LITTELFUSE-219XA Datasheet
803Kb / 4P
5횞20mm time-Lag glass body cartridge fuse designed to IEC specification
17757010001 LITTELFUSE-17757010001 Datasheet
231Kb / 2P
FUSE BASE FOR FUSE STRIPS RATED 80V FOR SINGLE
EV1K LITTELFUSE-EV1K Datasheet
704Kb / 4P
Littelfuse EV Fuse EV1K SERIES
Rev: 092321
logo
Bel Fuse Inc.
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
0ALA BEL-0ALA Datasheet
347Kb / 3P
1000VDC, Fast Acting Fuse
Rev. 0ALA Mar2022
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com