Electronic Components Datasheet Search
  English  ▼

X  

CY29FCT520ATPC Datasheet (PDF) - Texas Instruments

CY29FCT520ATPC Datasheet PDF - Texas Instruments
Part # CY29FCT520ATPC
Download  CY29FCT520ATPC Download
File Size   282.29 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS

CY29FCT520ATPC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY29FCT520ATPC Datasheet PDF - Texas Instruments

Part # CY29FCT520ATPC
Download  CY29FCT520ATPC Click to download

File Size   282.29 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS

CY29FCT520ATPC Datasheet (HTML) - Texas Instruments


CY29FCT520ATPC Product details

Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM29520
Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
Single- and Dual-Pipeline Operation Modes
Multiplexed Data Inputs and Outputs
CY29FCT520T
– 64-mA Output Sink Current
32-mA Output Source Current
CY29FCT520ATDMB, CY29FCT520BTDMB
– 32-mA Output Sink Current
12-mA Output Source Current
3-State Outputs

description
The CY29FCT520T is a multilevel 8-bit-wide pipeline register. The device consists of four registers, A1, A2, B1,
and B2, which are configured by the instruction inputs I0, I1 as a single four-level pipeline or as two two-level
pipelines. The contents of any register can be read at the multiplexed output at any time by using the
multiplex-selection controls (S0 and S1).
The pipeline registers are positive-edge triggered, and data is shifted by the rising edge of the clock input.
Instruction I = 0 selects the four-level pipeline mode. Instruction I = 1 selects the two-level B pipeline, while I = 2
selects the two-level A pipeline. I = 3 is the hold instruction; no shifting is performed by the clock in this mode.
In the two-level operation mode, data is shifted from level 1 to level 2 and new data is loaded into level 1.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY29FCT520ATPC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT520ATPC TI-CY29FCT520ATPC Datasheet
264Kb / 13P
Multi-Level Pipeline Register
CY29FCT520ATPC TI1-CY29FCT520ATPC Datasheet
210Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
CY29FCT520ATPCE4 TI-CY29FCT520ATPCE4 Datasheet
264Kb / 13P
Multi-Level Pipeline Register
More results


Similar Description - CY29FCT520ATPC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
MULTILEVEL PIPELINE REGISTER
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
MULTILEVEL PIPELINE REGISTERS
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
Multilevel Pipeline Registers
May 1999
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
4 x 8-bit Multilevel Pipeline Register
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
Multilevel Pipeline Registers
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com