Electronic Components Datasheet Search
  English  ▼

X  

QPA4446D Datasheet (PDF) - Qorvo, Inc

QPA4446D Datasheet PDF - Qorvo, Inc
Part # QPA4446D
Download  QPA4446D Download
File Size   1825.37 Kbytes
Page   31 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 37.5 – 42.5 GHz 4 Watt GaN Power Amplifier

QPA4446D Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA4446D Datasheet PDF - Qorvo, Inc

Part # QPA4446D
Download  QPA4446D Click to download

File Size   1825.37 Kbytes
Page   31 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 37.5 – 42.5 GHz 4 Watt GaN Power Amplifier

QPA4446D Datasheet (HTML) - Qorvo, Inc


QPA4446D Product details

Key Features
• Frequency Range: 37.5 – 42.5 GHz
• PSAT (PIN = 22 dBm): 36 dBm
• PAE (PIN = 22 dBm): 25 %
• IM3 (POUT/Tone = 30 dBm): -25 dBc
• Small Signal Gain: 18 dB
• Bias: VD = 24 V, IDQ = 70 mA, VG = -2.3 V typ. range
• Die Dimensions: 3.26 x 1.49 x 0.05 mm

Applications
• Satellite Communications




Similar Part No. - QPA4446D

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425EVB-01 QORVO-QPA4425EVB-01 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425SB QORVO-QPA4425SB Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425SR QORVO-QPA4425SR Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA4425TR13 QORVO-QPA4425TR13 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
More results


Similar Description - QPA4446D

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC999 HITTITE-HMC999 Datasheet
660Kb / 10P
GaN MMIC 10 WATT POWER AMPLIFIER, 0.01 - 10 GHz
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
34 ??36 GHz 13 Watt GaN Power Amplifier
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA1006D QORVO-QPA1006D Datasheet
536Kb / 17P
10.7 ??12.7 GHz 35 Watt GaN Amplifier
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
TGA2307-SM QORVO-TGA2307-SM Datasheet
601Kb / 16P
4.5-6.5 GHz 50 Watt GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com