Electronic Components Datasheet Search
  English  ▼

X  

ADPL76030 Datasheet (PDF) - Analog Devices

ADPL76030 Datasheet PDF - Analog Devices
Part # ADPL76030_V01
Download  ADPL76030 Download
File Size   1115.5 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum

ADPL76030 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL76030 Datasheet PDF - Analog Devices

Part # ADPL76030_V01
Download  ADPL76030 Click to download

File Size   1115.5 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum

ADPL76030 Datasheet (HTML) - Analog Devices


ADPL76030 Product details

FEATURES
 4-Switch Single Inductor Architecture Allows VIN
Above, Below, or Equal to VOUT
 Up to 95% Efficiency at 1.4 MHz
 Proprietary Peak-Buck, Peak-Boost Current-
Mode
 Wide VIN Range: 4 V to 55 V
 ±2% Output Voltage Accuracy: 1 V ≤ VOUT ≤ 55 V
 ±3% Input or Output Current Accuracy with
Monitor
 Spread Spectrum Frequency Modulation for Low
EMI
 No Top MOSFET Refresh Noise in Buck or Boost
 Adjustable and Synchronizable: 600 kHz to 1.4 MHz
 VOUT Disconnected from VIN During Shutdown

APPLICATIONS
 Industrial, Telecom Systems
 High Frequency, Battery-Powered System




Similar Part No. - ADPL76030_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL76030AUFDPBF AD-ADPL76030AUFDPBF Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
ADPL76030AUFDTRPBF AD-ADPL76030AUFDTRPBF Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
More results


Similar Description - ADPL76030_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
60V Synchronous 4-Switch Buck-Boost Controller
logo
Texas Instruments
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
logo
Analog Devices
DC2431A AD-DC2431A Datasheet
661Kb / 8P
High Power Synchronous 4-Switch Buck- Boost Regulator with Spread Spectrum
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com