Electronic Components Datasheet Search
  English  ▼

X  

ADMT4000 Datasheet (PDF) - Analog Devices

ADMT4000 Datasheet PDF - Analog Devices
Part # ADMT4000
Download  ADMT4000 Download
File Size   1279.65 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True Power-On Multiturn Sensor

ADMT4000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMT4000 Datasheet PDF - Analog Devices

Part # ADMT4000
Download  ADMT4000 Click to download

File Size   1279.65 Kbytes
Page   43 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True Power-On Multiturn Sensor

ADMT4000 Datasheet (HTML) - Analog Devices


ADMT4000 Product details

FEATURES
 True power-on multiturn counter
 46-turn magnetic sensor
 >16k° digital output
 ±0.25° accuracy
 Measurement update rate 100 kSPS
 16 mT to 31 mT operating range
 Internal temperature sensor
 IC supply, 3.3 V
 SPI interface, 1.7 V to 5 V
 Junction temperature range: −40°C to +150°C
 24-pin TSSOP
 Industrial applications

APPLICATION
 Rotation count detection and storage without power
 Contactless absolute position measurement
 Brushless DC motor control and positioning
 Actuator control and positioning




Similar Part No. - ADMT4000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
ADMTV201 AD-ADMTV201 Datasheet
71Kb / 2P
Low Power Mobile TV Tuner IC for ISDB-T
Rev. Sp0
More results


Similar Description - ADMT4000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
AMM20B Multiturn Magnetic Position Sensor
AMM20B BOURNS-AMM20B_13 Datasheet
264Kb / 2P
AMM20B Multiturn Magnetic Position Sensor
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
Multiturn Magnetic Position Sensor
logo
Infineon Technologies A...
TLE4983C-HTNE6747 INFINEON-TLE4983C-HTNE6747 Datasheet
608Kb / 29P
TPO True Power On functionality
Version 1.1
logo
Nova Electric. All Righ...
GRS11-5K60-120-120 NOVA-GRS11-5K60-120-120 Datasheet
303Kb / 2P
TRUE ON-LINE UPS
GRSL11-1K60-120-120 NOVA-GRSL11-1K60-120-120 Datasheet
292Kb / 2P
TRUE ON-LINE UPS
GRSL11-3K60-120-120 NOVA-GRSL11-3K60-120-120 Datasheet
517Kb / 2P
TRUE ON-LINE UPS
NGHS11-1.5K60-115-120 NOVA-NGHS11-1.5K60-115-120 Datasheet
1Mb / 2P
TRUE ON-LINE UPS
NGRS11-1.5K60-115-115 NOVA-NGRS11-1.5K60-115-115 Datasheet
463Kb / 2P
TRUE ON-LINE UPS
logo
Infineon Technologies A...
TLE4988C-XTF-M28 INFINEON-TLE4988C-XTF-M28 Datasheet
402Kb / 13P
Programmable True Power On Camshaft Sensor
Revision 1.0 2020-03-20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com