Electronic Components Datasheet Search
  English  ▼

X  

ADM2895E Datasheet (PDF) - Analog Devices

ADM2895E Datasheet PDF - Analog Devices
Part # ADM2895E
Download  ADM2895E Download
File Size   1612.35 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.7kVRMS Signal and Power Isolated Half-Duplex RS-485 Transceiver with Fault Protection

ADM2895E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2895E Datasheet PDF - Analog Devices

Part # ADM2895E
Download  ADM2895E Click to download

File Size   1612.35 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.7kVRMS Signal and Power Isolated Half-Duplex RS-485 Transceiver with Fault Protection

ADM2895E Datasheet (HTML) - Analog Devices


ADM2895E Product details

FEATURES
► 5.7kVRMS isolated half-duplex RS-485/RS-422 transceiver
► ±60V fault protection on RS-485 A and B pins
► Low radiated emissions, integrated, isolated DC-to-DC converter
► Meets EN 55032 Class B radiated emissions on a 2-layer PCB
► Robust protection on the RS-485 A and B bus pins
► ≥ ±4kV IEC 61000-4-2 ESD
► ±10kV HBM ESD
► ≥ ±4kV IEC 61000-4-4 EFT
► Extended ±25V common-mode range
► Two speed options
► ADM2895E - low speed 250kbps for EMI control
► ADM2895E-1 - high speed 20Mbps data rate
► Flexible power supplies
► Primary input VCC supply of 3.0V to 5.5V
► Primary logic VIO supply of 1.7V to 5.5V
► VSEL pin to select isolated VISO supply of 5V (VCC > 4.5V) or
3.3V
► PROFIBUS compliant for 5V VISO
► Wide operating temperature range: −40°C to +105°C
► High common-mode transient immunity: 250kV/μs
► Short-circuit, open-circuit, and floating input receiver fail-safe
► Supports >224 bus nodes (112kΩ receiver input impedance)
► Full hot-swap support (glitch free power-up/power-down)
► Safety and regulatory approvals
► IEC 60747-17 (pending)
► Reinforced VIORM = 566VPEAK
► UL 1577 (pending)
► VISO= 5700VRMS for 1 minute
► IEC/EN/CSA 62368-1 (pending)
► IEC/EN/CSA 61010-1 (pending)
► IEC/CSA 60601-1 (pending)
► GB 4943.1 (pending)
► Complies with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E)
► Outline Dimensions with 8.3mm creepage and clearance in
standard pinout

APPLICATIONS
► Heating, ventilation, and air conditioning (HVAC) networks
► Industrial field buses
► Building automation
► Utility networks
► Energy meters




Similar Part No. - ADM2895E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2861E AD-ADM2861E Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2861EBRNZ AD-ADM2861EBRNZ Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2861EBRNZ-RL7 AD-ADM2861EBRNZ-RL7 Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2863E AD-ADM2863E Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2863EBRNZ AD-ADM2863EBRNZ Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
More results


Similar Description - ADM2895E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
HALF-DUPLEX RS-485 TRANSCEIVER
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
Half-Duplex iCoupler-R Isolated RS-485 Transceiver
10/04-Revision 0
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
Half-Duplex RS-485 Transceiver
logo
Analog Devices
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com