Electronic Components Datasheet Search
  English  ▼

X  

UC2572 Datasheet (PDF) - Texas Instruments

UC2572 Datasheet PDF - Texas Instruments
Part # UC2572
Download  UC2572 Download
File Size   220.36 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Negative Output Flyback Pulse Width Modulator

UC2572 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC2572 Datasheet PDF - Texas Instruments

Part # UC2572
Download  UC2572 Click to download

File Size   220.36 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Negative Output Flyback Pulse Width Modulator

UC2572 Datasheet (HTML) - Texas Instruments


UC2572 Product details

FEATURES
• Simple Single Inductor Flyback PWM
for Negative Voltage Generation
• Drives External PMOS Switch
• Contains UVLO Circuit
• Includes Pulse-by-Pulse Current Limit
• Low 50μA Sleep Mode Current

DESCRIPTION
The UC3572 is a negative output flyback pulse width modulator which converts
a positive input voltage to a regulated negative output voltage. The
chip is optimized for use in a single inductor negative flyback switching converter
employing an external PMOS switch. The block diagram consists of
a precision reference, an error amplifier configured for voltage mode operation,
an oscillator, a PWM comparator with latching logic, and a 0.5A peak
gate driver. The UC3572 includes an undervoltage lockout circuit to insure
sufficient input supply voltage is present before any switching activity can
occur, and a pulse-by-pulse current limit. Output current can be sensed and
limited to a user determined maximum value. The UVLO circuit turns the
chip off when the input voltage is below the UVLO threshold. In addition, a
sleep comparator interfaces to the UVLO circuit to turn the chip off. This reduces
the supply current to only 50μA, making the UC3572 ideal for battery
powered applications.




Similar Part No. - UC2572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2572 TI-UC2572 Datasheet
129Kb / 5P
Negative Output Flyback Pulse Width Modulator
UC2572 TI1-UC2572 Datasheet
289Kb / 9P
Negative Output Flyback Pulse Width Modulator
UC2572D TI1-UC2572D Datasheet
289Kb / 9P
Negative Output Flyback Pulse Width Modulator
UC2572DG4 TI1-UC2572DG4 Datasheet
289Kb / 9P
Negative Output Flyback Pulse Width Modulator
UC2572DTR TI1-UC2572DTR Datasheet
289Kb / 9P
Negative Output Flyback Pulse Width Modulator
More results


Similar Description - UC2572

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1572 TI-UC1572 Datasheet
129Kb / 5P
Negative Output Flyback Pulse Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Texas Instruments
UC2572 TI1-UC2572_08 Datasheet
289Kb / 9P
Negative Output Flyback Pulse Width Modulator
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com