Electronic Components Datasheet Search
  English  ▼

X  

UC3872 Datasheet (PDF) - Texas Instruments

UC3872 Datasheet PDF - Texas Instruments
Part # UC3872
Download  UC3872 Download
File Size   308.33 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Resonant Lamp Ballast Controller

UC3872 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3872 Datasheet PDF - Texas Instruments

Part # UC3872
Download  UC3872 Click to download

File Size   308.33 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Resonant Lamp Ballast Controller

UC3872 Datasheet (HTML) - Texas Instruments


UC3872 Product details

FEATURES
• Controls Different Types of Lamps:
Cold Cathode Fluorescent, Neon, and
Gas Discharge
• Zero Voltage Switching (ZVS) of
Push-Pull Drivers
• Accurate Control of Lamp Current
• Variable Lamp Intensity Control
• 1μA Disable Current
• 4.5V to 24V Operation
• Open Lamp Detection Circuitry

DESCRIPTION
The UC3872 is a resonant lamp ballast controller optimized for driving
cold cathode fluorescent, neon, and other gas discharge lamps. The resonant
power stage develops a sinusoidal lamp drive voltage, and minimizes
switching loss and EMI generation. Lamp intensity adjustment is
accomplished with a buck regulator, which is synchronized to the external
power stage’s resonant frequency. Suitable for automotive and battery
powered applications, the UC3872 draws only 1μA when disabled.
Soft start and open lamp detect circuitry have been incorporated to minimize
component stresses. Open lamp detection is enabled at the completion
of a soft start cycle. The chip is optimized for smooth duty cycle
control to 100%.
Other features include a precision 1.2% reference, undervoltage lockout,
and accurate minimum and maximum frequency control.




Similar Part No. - UC3872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3872 TI-UC3872 Datasheet
190Kb / 7P
Resonant Lamp Ballast Controller
UC3872 TI1-UC3872 Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
UC3872DW TI1-UC3872DW Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
UC3872DWG4 TI1-UC3872DWG4 Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
UC3872DWTR TI1-UC3872DWTR Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
More results


Similar Description - UC3872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
Resonant Lamp Ballast Controller
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
SIMPLE BALLAST CONTROLLER
S6510P AUK-S6510P Datasheet
340Kb / 6P
SIMPLE BALLAST CONTROLLER
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
Simple Ballast Controller
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
Resonant Controller
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com