Electronic Components Datasheet Search
  English  ▼

X  

TXS0202YZPR Datasheet (PDF) - Texas Instruments

TXS0202YZPR Datasheet PDF - Texas Instruments
Part # TXS0202YZPR
Download  TXS0202YZPR Download
File Size   324.41 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A Inter Chip-USB Voltage Level Translator

TXS0202YZPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0202YZPR Datasheet PDF - Texas Instruments

Part # TXS0202YZPR
Download  TXS0202YZPR Click to download

File Size   324.41 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A Inter Chip-USB Voltage Level Translator

TXS0202YZPR Datasheet (HTML) - Texas Instruments


TXS0202YZPR Product details

1FEATURES
• No Direction Control Signal Required
• VCCA, VCCB Supply Voltage: 1.65 V to 3.6 V
• Meets All Requirements of the IC-USB
Standard
• Small Packages: WCSP
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Ioff Supports Partial-Power-Down Mode
Operation
• ESD Performance
– A port (Host-Side)
– 2000-V Human-Body Model
– 100-V Machine Model
– 500-V Charged-Device Model
– B port (Peripheral-Side)
– >4kV HBM

DESCRIPTION
The TXS0202 is a 2-bit voltage level translator optimized for use in Interchip USB (IC-USB) applications. VCCA
and VCCB can each operate over the full range of 1.65 V to 3.6 V. The device has been designed to maintain
cross-over skew to be less than 1 ns. The device has integrated pull-ups and pull-down resistors to aid in the
protocol communication between a host and a peripheral. The translator is a buffered auto-direction sensing type
translator. When the output-enable (OE) input is low, all outputs are placed in the high-impedance state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down. To ensure the
high-impedance state during power up or power down, OE should be tied to GND through a pull-down resistor;
the minimum value of the resistor is determined by the current-sourcing capability of the driver.




Similar Part No. - TXS0202YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0202YZPR TI1-TXS0202YZPR Datasheet
168Kb / 9P
A Inter Chip-USB Voltage Level Translator Small Packages: WCSP
More results


Similar Description - TXS0202YZPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
Dual Voltage Level Translator
logo
Texas Instruments
TXS0202 TI1-TXS0202 Datasheet
168Kb / 9P
A Inter Chip-USB Voltage Level Translator Small Packages: WCSP
logo
SMSC Corporation
LAN9730-ABZJ SMSC-LAN9730-ABZJ Datasheet
1Mb / 61P
High-Speed Inter-Chip (HSIC) USB 2.0
logo
ON Semiconductor
PCA9306 ONSEMI-PCA9306 Datasheet
141Kb / 12P
SMBus Voltage-Level Translator
July, 2014 ??Rev. 6
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
TXS0101 TI1-TXS0101_15 Datasheet
1Mb / 32P
1-Bit Bidirectional Level-Shifting, Voltage-Level Translator
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
SMBus voltage-level translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
Voltage-Level Translator
logo
ON Semiconductor
FXLH1T45 ONSEMI-FXLH1T45 Datasheet
460Kb / 12P
Level Translator
March, 2019 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com