Electronic Components Datasheet Search
  English  ▼

X  

TPS1120 Datasheet (PDF) - Texas Instruments

TPS1120 Datasheet PDF - Texas Instruments
Part # TPS1120
Download  TPS1120 Download
File Size   301.03 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS

TPS1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS1120 Datasheet PDF - Texas Instruments

Part # TPS1120
Download  TPS1120 Click to download

File Size   301.03 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS

TPS1120 Datasheet (HTML) - Texas Instruments


TPS1120 Product details

Low rDS(on) . . . 0.18 W at VGS = –10 V
3-V Compatible
Requires No External VCC
TTL and CMOS Compatible Inputs
VGS(th) = –1.5 V Max
ESD Protection Up to 2 kV per
MIL-STD-883C, Method 3015

description
The TPS1120 incorporates two independent
p-channel enhancement-mode MOSFETs that
have been optimized, by means of the Texas
Instruments LinBiCMOSE process, for 3-V or 5-V
power distribution in battery-powered systems. With a maximum VGS(th) of –1.5 V and an IDSS of only 0.5 mA,
the TPS1120 is the ideal high-side switch for low-voltage portable battery-management systems, where
maximizing battery life is a primary concern. Because portable equipment is potentially subject to electrostatic
discharge (ESD), the MOSFETs have built-in circuitry for 2-kV ESD protection. End equipment for the TPS1120
includes notebook computers, personal digital assistants (PDAs), cellular telephones, bar-code scanners, and
PCMCIA cards. For existing designs, the TPS1120D has a pinout common with other p-channel MOSFETs in
small-outline integrated circuit SOIC packages.
The TPS1120 is characterized for an operating junction temperature range, TJ, from –40°C to 150°C.




Similar Part No. - TPS1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120D TI-TPS1120D Datasheet
180Kb / 12P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120D TI1-TPS1120D Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DG4 TI1-TPS1120DG4 Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DR TI1-TPS1120DR Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Similar Description - TPS1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com