Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4050M96 Datasheet (PDF) - Texas Instruments

CD74HC4050M96 Datasheet PDF - Texas Instruments
Part # CD74HC4050M96
Download  CD74HC4050M96 Download
File Size   216.0 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting

CD74HC4050M96 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC4050M96 Datasheet PDF - Texas Instruments

Part # CD74HC4050M96
Download  CD74HC4050M96 Click to download

File Size   216.0 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting

CD74HC4050M96 Datasheet (HTML) - Texas Instruments


CD74HC4050M96 Product details

Features
• Typical Propagation Delay: 6ns at VCC = 5V,
CL = 15pF, TA = 25oC
• High-to-Low Voltage Level Converter for up to Vl = 16V
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . .–55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V

Description
The ’HC4049 and ’HC4050 are fabricated with high-speed
silicon gate technology. They have a modified input
protection structure that enables these parts to be usedas
logic level translators which convert high-level logic to a lowlevel
logic while operating off the low-level logic supply. For
example, 15-V input pulse levels can be down-converted to
0-V to 5-V logic levels. The modified input protection
structure protects the input from negative electrostatic
discharge. These parts also can be used as simple buffers
or inverters without level translation. The ’HC4049 and
’HC4050 are enhanced versions of equivalent CMOS types.




Similar Part No. - CD74HC4050M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4050M96 TI-CD74HC4050M96 Datasheet
331Kb / 7P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050M96 TI-CD74HC4050M96 Datasheet
261Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050M96 TI-CD74HC4050M96 Datasheet
291Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050M96 TI1-CD74HC4050M96 Datasheet
645Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050M96E4 TI-CD74HC4050M96E4 Datasheet
331Kb / 7P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
More results


Similar Description - CD74HC4050M96

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
HEX non-inverting buffers
January 1995
logo
Texas Instruments
CD74HC4049 TI-CD74HC4049 Datasheet
28Kb / 5P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
Hex Buffers (Non-Inverting)
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
CMOS Logic Hex Non-Inverting Buffers
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Texas Instruments
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
Hex non-inverting buffers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com