Electronic Components Datasheet Search
  English  ▼

X  

HS-565BEH Datasheet (PDF) - Renesas Technology Corp

HS-565BEH Datasheet PDF - Renesas Technology Corp
Part # HS-565BEH
Download  HS-565BEH Download
File Size   519.96 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter

HS-565BEH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-565BEH Datasheet PDF - Renesas Technology Corp

Part # HS-565BEH
Download  HS-565BEH Click to download

File Size   519.96 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter

HS-565BEH Datasheet (HTML) - Renesas Technology Corp


HS-565BEH Product details

Features
• Electrically Screened to SMD # 5962-96755
• QML Qualified per MIL-PRF-38535 Requirements
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . 100 krad (Si) (Max)
• DAC and Reference on a Single Chip
• Pin Compatible with AD-565A and HI-565A
• Very High Speed: Settles to 0.50 LSB in 500ns Max
• Monotonicity Guaranteed Over Temperature
• 0.50 LSB Max Nonlinearity Guaranteed Over Temperature
• Low Gain Drift
(Max., DAC Plus Reference) . . . . . . . . . . . . . . . . . . 50ppm/°C
• 0.75 LSB Accuracy Guaranteed Over Temperature
(0.125 LSB Typical at +25°C)
Applications
• High Speed A/D Converters
• Precision Instrumentation
• Signal Reconstruction




Similar Part No. - HS-565BEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BEH INTERSIL-HS-565BEH Datasheet
432Kb / 9P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
May 7, 2012
More results


Similar Description - HS-565BEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
1999 07
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
1996 03
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
August 1999
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
January 2003
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
November 2000
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
March 10, 2005
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
May 7, 2012
logo
Analog Devices
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
High Speed Analog to Digital Converter
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com