Electronic Components Datasheet Search
  English  ▼

X  

LTM4702 Datasheet (PDF) - Analog Devices

LTM4702 Datasheet PDF - Analog Devices
Part # LTM4702
Download  LTM4702 Download
File Size   2969.1 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16VIN, 8A Ultralow Noise Silent Switcher 3 μModule Regulator

LTM4702 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4702 Datasheet PDF - Analog Devices

Part # LTM4702
Download  LTM4702 Click to download

File Size   2969.1 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16VIN, 8A Ultralow Noise Silent Switcher 3 μModule Regulator

LTM4702 Datasheet (HTML) - Analog Devices


LTM4702 Product details

FEATURES
n Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n Low Noise Silent Switcher® 3 Architecture
n Ultralow EMI Emissions
n Ultralow RMS Noise (10Hz to 100kHz): 8μVRMS
n ±1.5% Maximum Total DC Output Voltage Error
Over Line, Load, and Temperature
n Input Voltage Range: 3V to 16V
n Output Voltage Range: 0.3V to 5.7V
n 8A Maximum Continuous Output Current
n Adjustable and Synchronizable: 300kHz to 3MHz
n Current Mode Control, Fast Transient Response
n Forced Continuous Mode (FCM) Capability
n Multiphase Parallel with Current Sharing
n Programmable Power Good
n 6.25mm × 6.25mm × 5.07mm BGA Package

APPLICATIONS
n Telecom, Networking, and Industrial Equipment
n RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
n Low Noise Instrumentation
n High Speed/High Precision Data Converters




Similar Part No. - LTM4702

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4702 AD-LTM4702 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM4702 AD-LTM4702 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
LTM4702 AD-LTM4702 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
LTM4702 AD-LTM4702 Datasheet
1Mb / 38P
20VIN, 20A Step-Down DC-to-DC μModule Regulator
Rev. 0
More results


Similar Description - LTM4702

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8080 AD-LTM8080 Datasheet
2Mb / 28P
40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LTM4709 AD-LTM4709 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com