Electronic Components Datasheet Search
  English  ▼

X  

BMI323 Datasheet (PDF) - Bosch Sensortec GmbH

BMI323 Datasheet PDF - Bosch Sensortec GmbH
Part # BMI323
Download  BMI323 Download
File Size   2650.9 Kbytes
Page   224 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Small, versatile 6DoF sensor module

BMI323 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMI323 Datasheet PDF - Bosch Sensortec GmbH

Part # BMI323
Download  BMI323 Click to download

File Size   2650.9 Kbytes
Page   224 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Small, versatile 6DoF sensor module

BMI323 Datasheet (HTML) - Bosch Sensortec GmbH


BMI323 Product details

1 Basic Description
The BMI323 is a highly integrated, low power inertial measurement unit (IMU) that combines precise acceleration and
angular rate (gyroscopic) measurement with intelligent on-chip motion-triggered interrupt features. The BMI323 integrates
a 16 bit digital, triaxial accelerometer with range configurable to 2 g, 4 g, 8 g, 16 g
a 16 bit digital, triaxial gyroscope with range configurable to 125 =s, 250 =s , 500 =s , 1000 =s and 2000 =s
a 16 bit digital temperature sensor for an operating temperature range -40 C ... +85 C
Key Features
Compact standard size 2.5  3mm2 LGA overmold package, 14 pins, height 0.83mm
Primary digital interface with 10MHz SPI slave (4-wire, 3-wire), 12.5MHz I3C and up to 1MHz I²C (Fm+)
Sample rates (ODR): 0.78125 Hz . . . 6.4 kHz (nominal)
Programmable low-pass filtering
Wide power supply range: analog VDD 1.71 V ... 3.63 V and VDDIO 1.08 V ... 3.63 V, both independent
Ultra low current consumption: typ. 790 A (in full ODR and aliasing free operation)
Built-in power management unit (PMU) for advanced power management and low power modes
Rapid startup time: 2.5ms for accelerometer and gyroscope (fast start mode)
< 1ms group delay
2 KB on-chip FIFO data buffer for accelerometer, gyroscope, temperature, and sensor timestamps
Fast offset error compensation for accelerometer and gyroscope
Gyroscope: fast sensitivity error compensation for the gyroscope (max. sensitivity error < 1 )
Hardware synchronization of accelerometer, gyroscope and temperature (< 1 s)
Sensor time stamps for accurate system (host) and sensor (IMU) time synchronization (< 40 s)
Two independent programmable I/O pins for interrupt and synchronization events
On-chip interrupt engine and integrated smart features for always-on applications (e.g. activity, action, and gesture
recognition) using the IMU ultra-low power domain
motion detection,
step detector
plug ’n’ play step counter
orientation and flat detection
single tap, double tap, and triple tap detection
Feature set can be optimized for wearable, hearable and mobile applications via API
RoHS compliant, halogen and lead free




Similar Part No. - BMI323

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMI-S-201-C ETC2-BMI-S-201-C Datasheet
10Mb / 26P
INTRODUCTION TO BOARD LEVEL SHIELDS AND CONTACTS
BMI-S-202-F ETC2-BMI-S-202-F Datasheet
79Kb / 2P
Item BMIS-202 Standard Surface Mount Shields-Two-Piece
BMI-S-209-C ETC2-BMI-S-209-C Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
Small, versatile 6DoF sensor module
More results


Similar Description - BMI323

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA101 MACOM-PA101 Datasheet
849Kb / 9P
Versatile Power Entry Module with Small Footprint
logo
List of Unclassifed Man...
BMI055 ETC2-BMI055 Datasheet
2Mb / 148P
Small, versatile 6DoF sensor module
BMX055 ETC2-BMX055 Datasheet
3Mb / 172P
Small, versatile 9-axis sensor module
logo
OmniVision Technologies...
OS05A10 OMNIVISION-OS05A10 Datasheet
1Mb / 2P
Versatile 5-Megapixel PureCel짰 Sensor
logo
Bosch Sensortec GmbH
BMI055 BOSCH-BMI055 Datasheet
3Mb / 149P
Small, versatile 6DoF sensor module
BMX055 BOSCH-BMX055 Datasheet
3Mb / 172P
Small, versatile 9-axis sensor module
SMI130 BOSCH-SMI130 Datasheet
1Mb / 63P
Inertial Sensor (6DoF) for Non-Safety Automotive Applications
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
Versatile Filtered Power Entry Module
logo
Panasonic Semiconductor
EWTS5G PANASONIC-EWTS5G Datasheet
529Kb / 5P
6DoF Automotive Inertial Sensor
EWTS5G PANASONIC-EWTS5G_V01 Datasheet
1Mb / 39P
6DoF Inertial Sensor for Automotive
Revision: 1.04 6/09/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com