Electronic Components Datasheet Search
  English  ▼

X  

BME688 Datasheet (PDF) - Bosch Sensortec GmbH

BME688 Datasheet PDF - Bosch Sensortec GmbH
Part # BME688
Download  BME688 Download
File Size   3754.86 Kbytes
Page   60 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital low power gas, pressure, temperature & humidity sensor with AI

BME688 Datasheet (PDF)

Go To PDF Page Download Datasheet
BME688 Datasheet PDF - Bosch Sensortec GmbH

Part # BME688
Download  BME688 Click to download

File Size   3754.86 Kbytes
Page   60 Pages
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH
Description Digital low power gas, pressure, temperature & humidity sensor with AI

BME688 Datasheet (HTML) - Bosch Sensortec GmbH


BME688 Product details

Key features
 Package 3.0 mm x 3.0 mm x 0.93 mm metal lid LGA
 Digital interface I²C (up to 3.4 MHz) and SPI (3 and 4 wire, up to 10 MHz)
 Supply voltage VDD main supply voltage range: 1.71 V to 3.6 V VDDIO interface voltage range: 1.2 V to 3.6 V
 Current consumption 2.1 μA at 1 Hz humidity and temperature 3.1 μA at 1 Hz pressure and temperature 3.7 μA at 1 Hz humidity, pressure and temperature 90 μA at ULP mode for p/h/T & air quality 0,9 mA at LP mode for p/h/T & air quality 3,9 mA in standard gas scan mode
0.09‒12 mA for p/h/T/gas in customized operation modes 0.15 μA in sleep mode
 Operating range -40‒+85 °C, 0‒100% r.H., 300‒1100 hPa
 The product is RoHS compliant, halogen-free, MSL1




Similar Part No. - BME688

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BME680 BOSCH-BME680 Datasheet
1Mb / 50P
Low power gas, pressure, temperature & humidity sensor
BME680 BOSCH-BME680 Datasheet
2Mb / 53P
Low power gas, pressure, temperature & humidity sensor
February 2024
BME680 BOSCH-BME680_V01 Datasheet
2Mb / 53P
Low power gas, pressure, temperature & humidity sensor
February 2024
More results


Similar Description - BME688

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC1000 TI-HDC1000_15 Datasheet
1Mb / 31P
HDC1000 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1008 TI-HDC1008_15 Datasheet
1Mb / 30P
HDC1008 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1050 TI-HDC1050_15 Datasheet
818Kb / 25P
HDC1050 Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1000 TI1-HDC1000_16 Datasheet
1Mb / 31P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
logo
TE Connectivity Ltd
MS8607 TEC-MS8607 Datasheet
179Kb / 4P
Digital Pressure and Humidity Sensor
logo
Humirel
MS8607 HUMIREL-MS8607 Datasheet
379Kb / 4P
Digital Pressure and Humidity Sensor
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
Low Power Humidity and Temperature Digital Sensor
logo
Bosch Sensortec GmbH
BME680 BOSCH-BME680 Datasheet
1Mb / 50P
Low power gas, pressure, temperature & humidity sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com