Electronic Components Datasheet Search
  English  ▼

X  

34675 Datasheet (PDF) - Freescale Semiconductor, Inc

34675 Datasheet PDF - Freescale Semiconductor, Inc
Part # 34675
Download  34675 Download
File Size   639.71 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator

34675 Datasheet (PDF)

Go To PDF Page Download Datasheet
34675 Datasheet PDF - Freescale Semiconductor, Inc

Part # 34675
Download  34675 Click to download

File Size   639.71 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator

34675 Datasheet (HTML) - Freescale Semiconductor, Inc


34675 Product details

Features
• No external MOSFET, reverse-blocking diode, or current-sense resistor is required
• Guaranteed maximum 1A programmable CC mode current
• ±0.7% voltage accuracy over -40°C to 85°C
• ±6% current accuracy over -40°C to 85°C
• 4.85V/10mA linear regulator with a 6.8V input over-voltage protection threshold
• 28V maximum voltage for the power input with a 6.8V over-voltage protection threshold
• Trickle charge for fully discharged batteries
• Charge current monitor
• Charge current thermal foldback
• Pb-free packaging designated by suffix code EP




Similar Part No. - 34675

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34675-0001 MOLEX4-34675-0001 Datasheet
215Kb / 2P
5.00mm (.197") Pitch MX150?
34675-0001 MOLEX11-34675-0001 Datasheet
42Kb / 1P
MX150 2 Way Inline Male Assembly with TPA
34675-0002 MOLEX-34675-0002 Datasheet
1,012Kb / 2P
MX150TM Cable-Sealed 1-by-2 Connection System
34675-0002 MOLEX4-34675-0002 Datasheet
215Kb / 2P
5.00mm (.197") Pitch MX150??2 Way Inline Male Assembly with TPA, Single Row, 2Circuits, Keying Option B, without Clip Slot, Gray
34675-0002 MOLEX11-34675-0002 Datasheet
42Kb / 1P
MX150 2 Way Inline Male Assembly with TPA
More results


Similar Description - 34675

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Freescale Semiconductor...
MC34675 FREESCALE-MC34675 Datasheet
367Kb / 24P
28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
logo
Richtek Technology Corp...
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com