Electronic Components Datasheet Search
  English  ▼

X  

Y92S-P4 Datasheet (PDF) - Omron Electronics LLC

Y92S-P4 Datasheet PDF - Omron Electronics LLC
Part # Y92S-P4
Download  Y92S-P4 Download
File Size   2358.97 Kbytes
Page   22 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Basic-type Digital Temperature Controller

Y92S-P4 Datasheet (PDF)

Go To PDF Page Download Datasheet
Y92S-P4 Datasheet PDF - Omron Electronics LLC

Part # Y92S-P4
Download  Y92S-P4 Click to download

File Size   2358.97 Kbytes
Page   22 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Basic-type Digital Temperature Controller

Y92S-P4 Datasheet (HTML) - Omron Electronics LLC


Y92S-P4 Product details

New 96 x 96-mm and 48 x 96-mm Basic Temperature Controllers with Enhanced Functions and Performance.
Improved Indication Accuracy and Preventive Maintenance Function.

• Indication Accuracy
Thermocouple input: ±0.3% of PV (previous models: ±0.5%)
Pt input: ±0.2% of PV (previous models: ±0.5%)
Analog input: ±0.2% FS (previous models: ±0.5%)
• A PV/SV-status display function can be set to alternate between
displaying the PV or SV and the status of the Temperature
Controller (auto/manual, RUN/STOP and alarms).
• Preventive maintenance for relays using a Control Output
ON/OFF Counter.
• Three-level display that simultaneously displays
the PV, SV, and MV.
• One-touch operation with PF Key that can be assigned to
auto/manual, RUN/STOP, or other functions.




Similar Part No. - Y92S-P4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92S-P10 OMRON-Y92S-P10 Datasheet
40Mb / 138P
Digital Temperature Controller
Y92S-P12 OMRON-Y92S-P12 Datasheet
12Mb / 112P
Digital Temperature Controller
03/14
Y92S-P7 OMRON-Y92S-P7 Datasheet
40Mb / 138P
Digital Temperature Controller
Y92S-P8 OMRON-Y92S-P8 Datasheet
12Mb / 112P
Digital Temperature Controller
03/14
Y92S-P8 OMRON-Y92S-P8 Datasheet
40Mb / 138P
Digital Temperature Controller
More results


Similar Description - Y92S-P4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN OMRON-E5AN Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
Advanced Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
Advanced Digital Temperature Controller
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
Digital Temperature Controller
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
Basic PID Temperature Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
Basic PID Temperature Controller
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
Digital Temperature Controller (Simple Type)
04/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com