Electronic Components Datasheet Search
  English  ▼

X  

ISL71444M Datasheet (PDF) - Renesas Technology Corp

ISL71444M Datasheet PDF - Renesas Technology Corp
Part # ISL71444M_V01
Download  ISL71444M Download
File Size   2807.43 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier

ISL71444M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71444M Datasheet PDF - Renesas Technology Corp

Part # ISL71444M_V01
Download  ISL71444M Click to download

File Size   2807.43 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier

ISL71444M Datasheet (HTML) - Renesas Technology Corp


ISL71444M Product details

Features
▪ Passes NASA Low Outgassing specifications
▪ Unity gain stable with wide gain-bandwidth product:
19MHz
▪ Wide single and dual supply range: 2.7V to 40V
maximum
▪ Low input offset voltage: 400μV
▪ Low current consumption (per amplifier): 1.1mA,
typical
▪ High large signal slew rate: 60V/μs
▪ Operating temperature range: -55°C to +125°C
▪ 14 Ld TSSOP with NiPdAu lead finish
▪ Characterized radiation level
• LDR(<10mrad(Si/s)): 30krad(Si) (ISL71444M30)
• LDR(<10mrad(Si/s)): 50krad(Si) (ISL71444M50)
▪ Radiation acceptance testing
• LDR(<10mrad(Si/s)): 50krad(Si) (ISL71444M50)
▪ Single Event Effects (LET): 43MeV•cm2/mg




Similar Part No. - ISL71444M_V01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71444MEVAL1Z RENESAS-ISL71444MEVAL1Z Datasheet
1Mb / 30P
19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
More results


Similar Description - ISL71444M_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
logo
Texas Instruments
LMC6484 TI1-LMC6484 Datasheet
2Mb / 45P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
logo
Intersil Corporation
ISL70244SEH INTERSIL-ISL70244SEH Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
logo
New Japan Radio
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
ISL71444M RENESAS-ISL71444M Datasheet
1Mb / 30P
19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com