Electronic Components Datasheet Search
  English  ▼

X  

BLB04 Datasheet (PDF) - BeRex Corporation

BLB04 Datasheet PDF - BeRex Corporation
Part # BLB04
Download  BLB04 Download
File Size   2344.87 Kbytes
Page   28 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 2000 – 5000 MHz High Linearity LNA

BLB04 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLB04 Datasheet PDF - BeRex Corporation

Part # BLB04
Download  BLB04 Click to download

File Size   2344.87 Kbytes
Page   28 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 2000 – 5000 MHz High Linearity LNA

BLB04 Datasheet (HTML) - BeRex Corporation


BLB04 Product details

Device Features
• Operated at 3.3V and 5.0V
• 33.0dBm Output IP3 at 0dBm/tone at 3600MHz
• 18.0dB Gain at 3600MHz
• 18.7dBm P1dB at 3600MHz
• 0.59dB NF at 3600MHz
• Fast shut down to support TDD systems
• Lead-free/Green/RoHS Compliant DFN8 2x2 Package

Product Description
BeRex’s BLB04 is a high linearity LNA, based on GaAs E-pHEMT process and packaged in a RoHScompliant DFN 8L 2x2mm2 Surface mount package. It is designed for use where low noise and high linearity are required and features low noise and high OIP3 at Frequency range of 2.0~5.0GHz. It is fast enable switching speed for TDD-5G application. All devices are 100% RF/DC tested and classified as HBM ESD Class 1C.

Applications
• Base station Infrastructure
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE system/5G NR




Similar Part No. - BLB04

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB01 BEREX-BLB01 Datasheet
1Mb / 17P
500 – 1500 MHz High Linearity LNA
Rev. 6.6
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
1Mb / 17P
1500 – 2700 MHz High Linearity LNA
Rev. 7.5
More results


Similar Description - BLB04

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T Datasheet
346Kb / 4P
1700-2000 MHz High Linearity
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
logo
Teledyne Technologies I...
A2CP5008 TELEDYNE-A2CP5008 Datasheet
109Kb / 1P
2000-5000 MHz COUGARPAK??AMPLIFIER
A2CP5009 TELEDYNE-A2CP5009 Datasheet
108Kb / 1P
2000-5000 MHz COUGARPAK??AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com