Electronic Components Datasheet Search
  English  ▼

X  

BLB03 Datasheet (PDF) - BeRex Corporation

BLB03 Datasheet PDF - BeRex Corporation
Part # BLB03
Download  BLB03 Download
File Size   1491.34 Kbytes
Page   20 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 1500 – 4000 MHz High Linearity LNA

BLB03 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLB03 Datasheet PDF - BeRex Corporation

Part # BLB03
Download  BLB03 Click to download

File Size   1491.34 Kbytes
Page   20 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 1500 – 4000 MHz High Linearity LNA

BLB03 Datasheet (HTML) - BeRex Corporation


BLB03 Product details

Device Features
• Operated at 3.0V and 5.0V
• 35.5 dBm Output IP3 at 0dBm/tone at 3500MHz
• 16.4 dB Gain at 3500 MHz
• 20.1 dBm P1dB at 3500MHz
• 0.83 dB NF at 3500MHz
• Fast shut down to support TDD systems
• Green/RoHS2 Compliant DFN 8L 2x2 Package

Product Description
BeRex’s BLB03 is a high linearity LNA, based on GaAs material with E-pHEMT process and packaged in a RoHS2-compliant DFN 8L 2x2 mm2 Surface mount package. It is designed for use where low noise and high linearity are required and features low noise and high OIP3 at Frequency range of 1.5~4.0GHz. It can be used in fast shutdown switching speed for TD-LTE application. All devices are 100% RF/DC tested and classified as HBM ESD Class 1C.

Applications
• Base station Infrastructure
• Commercial/Industrial/Military wireless system
• TDD or FDD LTE system/5G NR




Similar Part No. - BLB03

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BLB01 BEREX-BLB01 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB01 BEREX-BLB01 Datasheet
1Mb / 17P
500 – 1500 MHz High Linearity LNA
Rev. 6.6
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
0.5 ??1.5 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
991Kb / 15P
1.5 ??2.7 GHz High Linearity LNA
BLB02 BEREX-BLB02 Datasheet
1Mb / 17P
1500 – 2700 MHz High Linearity LNA
Rev. 7.5
More results


Similar Description - BLB03

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL19W ASB-ASL19W Datasheet
588Kb / 19P
DC-3000 MHz High Linearity LNA MMIC
February 2009
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL09S ASB-ASL09S Datasheet
483Kb / 7P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL19H ASB-ASL19H Datasheet
539Kb / 9P
5-4000 MHz High Linearity LNA MMIC
December 2010
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL41S9 ASB-ASL41S9 Datasheet
508Kb / 11P
5 ~ 4000 MHz High Linearity LNA MMIC
June 2014
logo
TriQuint Semiconductor
TQL9044 TRIQUINT-TQL9044_15 Datasheet
554Kb / 8P
1500 to 4000 MHz Bypass LNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com