Electronic Components Datasheet Search
  English  ▼

X  

IS9-139ASRH/PROTO Datasheet (PDF) - Renesas Technology Corp

IS9-139ASRH/PROTO Datasheet PDF - Renesas Technology Corp
Part # IS9-139ASRH/PROTO
Download  IS9-139ASRH/PROTO Download
File Size   158.43 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Event Radiation Hardened Quad Voltage Comparators

IS9-139ASRH/PROTO Datasheet (PDF)

Go To PDF Page Download Datasheet
IS9-139ASRH/PROTO Datasheet PDF - Renesas Technology Corp

Part # IS9-139ASRH/PROTO
Download  IS9-139ASRH/PROTO Click to download

File Size   158.43 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Event Radiation Hardened Quad Voltage Comparators

IS9-139ASRH/PROTO Datasheet (HTML) - Renesas Technology Corp


IS9-139ASRH/PROTO Product details

Features
• Electrically Screened to SMD # 5962-01510
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardness
- Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . 300krad(Si) (Max)
- Single Event Latch-up . . . . . . . . . . . . . . . >84MeV/mg/cm2
- Single Event Upset . . . . . . . . . . . . . . . . . . >84MeV/mg/cm2
• Operating Supply Voltage Range . . . . . . . . . . . . . . . 9V to 30V
• Input Offset Voltage (VIO) . . . . . . . . . . . . . . . . . . . . 5mV (Max)
• Quiescent Supply Current . . . . . . . . . . . . . . . . . . . . 3mA (Max)
• Differential Input Voltage Range Equal to the Supply Voltage




Similar Part No. - IS9-139ASRH/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS9-139ASRH/PROTO INTERSIL-IS9-139ASRH/PROTO Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
More results


Similar Description - IS9-139ASRH/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-139RH-T INTERSIL-HS-139RH-T Datasheet
41Kb / 2P
Radiation Hardened Quad Voltage Comparator
1999 07
ISL7124SRH INTERSIL-ISL7124SRH Datasheet
135Kb / 2P
Single-Event Hardened, Single Supply, Quad Operational Amplifier
September 2002
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
Radiation Hardened Quad Voltage Comparator
December 22, 2004
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparator
June 18, 2008
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
logo
Renesas Technology Corp
ISL7119RH RENESAS-ISL7119RH Datasheet
249Kb / 6P
Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com