Electronic Components Datasheet Search
  English  ▼

X  

0830339 Datasheet (PDF) - PHOENIX CONTACT

0830339 Datasheet PDF - PHOENIX CONTACT
Part # 0830339
Download  0830339 Download
File Size   178.25 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-TMFL 100 - Marker for terminal blocks

0830339 Datasheet (PDF)

Go To PDF Page Download Datasheet
0830339 Datasheet PDF - PHOENIX CONTACT

Part # 0830339
Download  0830339 Click to download

File Size   178.25 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description US-TMFL 100 - Marker for terminal blocks

0830339 Datasheet (HTML) - PHOENIX CONTACT


0830339 Product details

Marker for terminal blocks, Card, white, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, THERMOMARK PRIME, THERMOMARK CARD 2.0, THERMOMARK CARD,
THERMOMARK PRIME 2.0, mounting type: adhesive, Number of individual labels: 20, text field
height: 6.6 mm, text field width: 104 mm




Similar Part No. - 0830339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830300 PHOENIX-0830300 Datasheet
57Kb / 3P
Plastic label - US-EMLP (35X15)
0830303 PHOENIX-0830303 Datasheet
57Kb / 3P
Plastic label - US-EMLP (8,8X15)
0830307 PHOENIX-0830307 Datasheet
185Kb / 5P
US-EMP (35X15) YE - Snap-in markers
0830308 PHOENIX-0830308 Datasheet
184Kb / 5P
US-EMP (35X15) SR - Snap-in markers
0830309 PHOENIX-0830309 Datasheet
185Kb / 5P
US-EMP (35X15) RD - Snap-in markers
More results


Similar Description - 0830339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803064 PHOENIX-0803064 Datasheet
53Kb / 2P
Marker for terminal blocks - TMT (EX6,5)R
0810834-0082 PHOENIX-0810834-0082 Datasheet
47Kb / 2P
Marker for terminal blocks - ZBF 6,LGS:GERADE ZAHLEN82-100
0819262 PHOENIX-0819262 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 16
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821425 PHOENIX-0821425 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TMF 5
0829950 PHOENIX-0829950 Datasheet
55Kb / 3P
Marker for terminal blocks - US2-TM 100 CUS
0830768 PHOENIX-0830768 Datasheet
52Kb / 2P
Marker for terminal blocks - US-TML (104X3,8)
1007015-0081 PHOENIX-1007015-0081 Datasheet
44Kb / 2P
Marker for terminal blocks - SBS 5:FORTL.ZAHLEN 81-100
1007031-0081 PHOENIX-1007031-0081 Datasheet
49Kb / 2P
Marker for terminal blocks - SBS 8:FORTL.ZAHLEN 81-100
1007044-0081 PHOENIX-1007044-0081 Datasheet
49Kb / 2P
Marker for terminal blocks - SBS10:FORTL.ZAHLEN81-100
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com