Electronic Components Datasheet Search
  English  ▼

X  

0825027 Datasheet (PDF) - PHOENIX CONTACT

0825027 Datasheet PDF - PHOENIX CONTACT
Part # 0825027
Download  0825027 Download
File Size   226.33 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 6 CUS - Zack Marker strip, flat

0825027 Datasheet (PDF)

Go To PDF Page Download Datasheet
0825027 Datasheet PDF - PHOENIX CONTACT

Part # 0825027
Download  0825027 Click to download

File Size   226.33 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZBF 6 CUS - Zack Marker strip, flat

0825027 Datasheet (HTML) - PHOENIX CONTACT


0825027 Product details

Zack Marker strip, flat, Strip, can be ordered: Strip, white, labeled according to customer
specifications, mounting type: snap into flat marker groove, for terminal block width: 6.2 mm,
Number of individual labels: 10, text field height: 6.15 mm, text field width: 5.15 mm




Similar Part No. - 0825027

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0825027 PHOENIX-0825027 Datasheet
121Kb / 7P
Type 3 surge protection device - TTC-6P-T3-24DC-UT-I
12/30/2019
0825027 PHOENIX-0825027 Datasheet
95Kb / 6P
Type 3 surge protection plug - TTC-6P-T3-24DC-I-P
12/30/2019
More results


Similar Description - 0825027

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0808587 PHOENIX-0808587 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 4: UNPRINTED
0808710 PHOENIX-0808710 Datasheet
54Kb / 2P
Zack Marker strip, flat - ZBF 6 UNPRINTED
0808736 PHOENIX-0808736 Datasheet
55Kb / 2P
Zack Marker strip, flat - ZBF 6/WH-100: UNPRINTED
0808778 PHOENIX-0808778 Datasheet
51Kb / 2P
Zack Marker strip, flat - ZBF 6:SO/CMS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0825019 PHOENIX-0825019 Datasheet
55Kb / 2P
Zack Marker strip, flat - ZBF 15 CUS
0825020 PHOENIX-0825020 Datasheet
65Kb / 3P
Zack Marker strip, flat - ZBF 17 CUS
0825030 PHOENIX-0825030 Datasheet
58Kb / 3P
Zack Marker strip, flat - ZBF 8 CUS
0827464 PHOENIX-0827464 Datasheet
62Kb / 3P
Zack Marker strip, flat - ZBF 16:UNPRINTED
0829134 PHOENIX-0829134 Datasheet
56Kb / 3P
Zack Marker strip, flat - ZBF 13 CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com