Electronic Components Datasheet Search
  English  ▼

X  

0826888 Datasheet (PDF) - PHOENIX CONTACT

0826888 Datasheet PDF - PHOENIX CONTACT
Part # 0826888
Download  0826888 Download
File Size   243.0 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SK U/5,0 P9,5 WH CUS - Marker strip

0826888 Datasheet (PDF)

Go To PDF Page Download Datasheet
0826888 Datasheet PDF - PHOENIX CONTACT

Part # 0826888
Download  0826888 Click to download

File Size   243.0 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SK U/5,0 P9,5 WH CUS - Marker strip

0826888 Datasheet (HTML) - PHOENIX CONTACT


0826888 Product details

Marker strip, Sheet, can be ordered: in sheets, white, labeled according to customer
specifications, mounting type: adhesive, for terminal block width: 9.5 mm, text field height: 5 mm,
text field width: 186 mm




Similar Part No. - 0826888

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0826889 PHOENIX-0826889 Datasheet
241Kb / 7P
UC3-TM 6 CUS - Marker for terminal blocks
More results


Similar Description - 0826888

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803922 PHOENIX-0803922 Datasheet
49Kb / 3P
Marker card - SK U/5,0 WH:UNBEDRUCKT
0824281 PHOENIX-0824281 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB10/WH CUS
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0825121 PHOENIX-0825121 Datasheet
54Kb / 3P
Marker cards - SK 2,8 REEL P3,5 WH CUS
0825123 PHOENIX-0825123 Datasheet
55Kb / 3P
Marker cards - SK 2,8 REEL P5,08 WH CUS
0825125 PHOENIX-0825125 Datasheet
55Kb / 3P
Marker cards - SK 3,8 REEL P5,08 WH CUS
0825129 PHOENIX-0825129 Datasheet
60Kb / 2P
SK 5,0 REEL P10 WH CUS
0825131 PHOENIX-0825131 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,5 WH CUS
0825132 PHOENIX-0825132 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,62 WH CUS
0828496 PHOENIX-0828496 Datasheet
61Kb / 2P
SK 3,8 REEL P9,5 WH CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com