Electronic Components Datasheet Search
  English  ▼

X  

0824673 Datasheet (PDF) - PHOENIX CONTACT

0824673 Datasheet PDF - PHOENIX CONTACT
Part # 0824673
Download  0824673 Download
File Size   246.76 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-TMF 12 OG CUS - Marker for terminal blocks

0824673 Datasheet (PDF)

Go To PDF Page Download Datasheet
0824673 Datasheet PDF - PHOENIX CONTACT

Part # 0824673
Download  0824673 Click to download

File Size   246.76 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-TMF 12 OG CUS - Marker for terminal blocks

0824673 Datasheet (HTML) - PHOENIX CONTACT


0824673 Product details

Marker for terminal blocks, can be ordered: by sheet, orange, labeled according to customer
specifications, mounting type: snap into flat marker groove, for terminal block width: 12 mm,
Number of individual labels: 40, text field height: 5.1 mm, text field width: 11.45 mm




Similar Part No. - 0824673

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824670 PHOENIX-0824670 Datasheet
241Kb / 7P
UC-TMF 12 CUS - Marker for terminal blocks
0824671 PHOENIX-0824671 Datasheet
247Kb / 7P
UC-TMF 12 BU CUS - Marker for terminal blocks
0824672 PHOENIX-0824672 Datasheet
244Kb / 7P
UC-TMF 12 GN CUS - Marker for terminal blocks
0824674 PHOENIX-0824674 Datasheet
246Kb / 7P
UC-TMF 12 RD CUS - Marker for terminal blocks
0824675 PHOENIX-0824675 Datasheet
237Kb / 6P
UC-TMF 12 VT CUS - Marker for terminal blocks
More results


Similar Description - 0824673

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818577 PHOENIX-0818577 Datasheet
49Kb / 3P
Marker for terminal blocks - UC-TMF 6 OG
0819233 PHOENIX-0819233 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 12
0824584 PHOENIX-0824584 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 OG CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824630 PHOENIX-0824630 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 4 CUS
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824646 PHOENIX-0824646 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TMF 6 CUS
0824654 PHOENIX-0824654 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 8 CUS
0824678 PHOENIX-0824678 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 16 CUS
0824659 PHOENIX-0824659 Datasheet
71Kb / 4P
Marker for terminal blocks - UC-TMF 8 VT CUS
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com