Electronic Components Datasheet Search
  English  ▼

X  

0824616 Datasheet (PDF) - PHOENIX CONTACT

0824616 Datasheet PDF - PHOENIX CONTACT
Part # 0824616
Download  0824616 Download
File Size   244.29 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-TM 12 OG CUS - Marker for terminal blocks

0824616 Datasheet (PDF)

Go To PDF Page Download Datasheet
0824616 Datasheet PDF - PHOENIX CONTACT

Part # 0824616
Download  0824616 Click to download

File Size   244.29 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC-TM 12 OG CUS - Marker for terminal blocks

0824616 Datasheet (HTML) - PHOENIX CONTACT


0824616 Product details

Marker for terminal blocks, can be ordered: by sheet, orange, labeled according to customer
specifications, mounting type: snap into tall marker groove, for terminal block width: 12 mm,
Number of individual labels: 40, text field height: 10.5 mm, text field width: 11.45 mm




Similar Part No. - 0824616

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824610 PHOENIX-0824610 Datasheet
232Kb / 5P
UC-TM 10 VT CUS - Marker for terminal blocks
0824611 PHOENIX-0824611 Datasheet
241Kb / 7P
UC-TM 10 YE CUS - Marker for terminal blocks
0824613 PHOENIX-0824613 Datasheet
239Kb / 7P
UC-TM 12 CUS - Marker for terminal blocks
0824614 PHOENIX-0824614 Datasheet
242Kb / 7P
UC-TM 12 BU CUS - Marker for terminal blocks
0824615 PHOENIX-0824615 Datasheet
242Kb / 7P
UC-TM 12 GN CUS - Marker for terminal blocks
More results


Similar Description - 0824616

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818276 PHOENIX-0818276 Datasheet
51Kb / 2P
Marker for terminal blocks - UC-TM 5 OG
0818328 PHOENIX-0818328 Datasheet
51Kb / 2P
Marker for terminal blocks - UC-TM 6 OG
0824573 PHOENIX-0824573 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 4 CUS
0824584 PHOENIX-0824584 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 OG CUS
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824591 PHOENIX-0824591 Datasheet
68Kb / 3P
Marker for terminal blocks - UC-TM 6 GN CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0824605 PHOENIX-0824605 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 10 CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com