Electronic Components Datasheet Search
  English  ▼

X  

0824537 Datasheet (PDF) - PHOENIX CONTACT

0824537 Datasheet PDF - PHOENIX CONTACT
Part # 0824537
Download  0824537 Download
File Size   242.57 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC2-TM 6 CUS - Marker for terminal blocks

0824537 Datasheet (PDF)

Go To PDF Page Download Datasheet
0824537 Datasheet PDF - PHOENIX CONTACT

Part # 0824537
Download  0824537 Click to download

File Size   242.57 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UC2-TM 6 CUS - Marker for terminal blocks

0824537 Datasheet (HTML) - PHOENIX CONTACT


0824537 Product details

Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer
specifications, mounting type: snap into tall marker groove, for terminal block width: 6.2 mm,
Number of individual labels: 80, text field height: 8.75 mm, text field width: 5.45 mm




Similar Part No. - 0824537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824533 PHOENIX-0824533 Datasheet
244Kb / 7P
UC2-TM 4 CUS - Marker for terminal blocks
0824535 PHOENIX-0824535 Datasheet
243Kb / 7P
UC2-TM 5 CUS - Marker for terminal blocks
0824539 PHOENIX-0824539 Datasheet
243Kb / 7P
UC2-TM 8 CUS - Marker for terminal blocks
More results


Similar Description - 0824537

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821674 PHOENIX-0821674 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 6
0821690 PHOENIX-0821690 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 5
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0824509 PHOENIX-0824509 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 6 CUS
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824591 PHOENIX-0824591 Datasheet
68Kb / 3P
Marker for terminal blocks - UC-TM 6 GN CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824593 PHOENIX-0824593 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 RD CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0829250 PHOENIX-0829250 Datasheet
57Kb / 4P
Marker for terminal blocks - UCT2-TM 5/6 CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com