Electronic Components Datasheet Search
  English  ▼

X  

PIC32CM2532LS60100 Datasheet (PDF) - Microchip Technology

PIC32CM2532LS60100 Datasheet PDF - Microchip Technology
Part # PIC32CM2532LS60100
Download  PIC32CM2532LS60100 Download
File Size   22099.65 Kbytes
Page   1508 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Power, Secure and Enhanced Touch MCU

PIC32CM2532LS60100 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC32CM2532LS60100 Datasheet PDF - Microchip Technology

Part # PIC32CM2532LS60100
Download  PIC32CM2532LS60100 Click to download

File Size   22099.65 Kbytes
Page   1508 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Power, Secure and Enhanced Touch MCU

PIC32CM2532LS60100 Datasheet (HTML) - Microchip Technology


PIC32CM2532LS60100 Product details

Operating Conditions
• 1.62V - 3.63V, -40ºC to +125ºC, DC to 40 MHz (PIC32CM LE00/LS00)
• 1.62V - 3.63V, -40ºC to +85ºC, DC to 48 MHz (PIC32CM LE00/LS00)
• 2.0V - 3.63V, -40ºC to +85ºC, DC to 48 MHz (PIC32CM LS60)
Core
• Arm® Cortex®-M23 CPU running at up to 48 MHz:
– 2.64 CoreMark/MHz and 1.03 DMIPS/MHz
– Single-cycle hardware multiplier
– Hardware divider
– Nested Vector Interrupt Controller (NVIC)
– Memory Protection Unit (MPU)
– Stack Limit Checking
– TrustZone® for ARMv8-M (optional)
Memories
• 512/256/128 KB Flash
• 16/8/4 KB Data Flash Write-While-Read (WWR) section for non-volatile
data storage
• 64/32/16 KB SRAM
• Up to 512 bytes TrustRAM with physical protection features
• 32 KB Boot ROM
System
• Power-on Reset (POR) and programmable Brown-out Detection (BOD)
• Up to 16-channel Direct Memory Access Controller (DMAC)
• Up to 12-channel event system for Inter-peripheral Core-independent
Operation
• CRC-32 generator
Low-Power and Power Management
• Active, Idle, Standby with partial or full SRAM retention and off sleep
modes:
– Active mode (< 40 μA/MHz for PL0, < 60 μA/MHz for PL2)
– Idle mode (< 15 μA/MHz) with 1.5 μs wake-up time
– Standby with Full SRAM retention (1.7 μA) with 2.7 μs wake-up time
– Off mode (< 100 nA)
• Static and dynamic power gating architecture
• Sleepwalking peripherals
• Two performance levels
• Embedded Buck/LDO regulator with on-the-fly selection
Security and Safety
• Up to eight input pins and eight output pins for anti-tampering detections
• Data Flash
– Optimized for secure storage
– Address and Data Scrambling with user-defined key (optional)
– Tamper erase of scrambling key and of one user-defined row
– Silent access for data read noise reduction
• TrustRAM
– Address and Data scrambling with user-defined key
– Anti-tamper Active Shield on physical TrustRAM
– Tamper Erase of scrambling key and TrustRAM data
– Silent access for data read noise reduction
– Data remanence prevention
• Peripherals
– One True Random Number Generator (TRNG)
– AES-256/192/128, SHA-256, and GCM cryptography accelerators
(optional)
– Secure pin multiplexing capability to isolate secure communication
channels with external devices from the non-secure application
(optional)
• TrustZone for flexible hardware isolation of memories and peripherals
(optional)
– Up to five regions for the Flash
– Up to two regions for the Data Flash
– Up to two regions for the SRAM
– Individual security attribution for each peripheral, I/O, external
interrupt line, and Event System Channel
• SHA-based or HMAC-based secure boot (optional)
Security and Safety continued...
• ATECC608B-TFLXTLS CryptoAuthentication™ device (optional)
– One Permanent Primary P-256 Elliptic Curve Cryptography (ECC)
Private Key
– One Internal Sign Private Key for Key Attestation
– Three Secondary P-256 ECC Private Keys
– Signer Public Key from Signer Certificate
– Public Key Validation Support
– One Customizable Symmetric Secret Key Slot
– I/O Protection Key Slot to Protect Communication
– Secure Boot Enabled with Customizable Secure Boot Public Key
– ECDH/KDF Key Slot Capable
– X.509 Compressed Certificate Storage
– Customizable Certificate Storage Slots
• Device Identity Composition Engine (DICE) security standard support with
Unique Device Secret (UDS) (optional)
• Up to three debug access levels
• Up to three chip erase commands to erase part of or the entire
embedded memories
• Unique 128-bit serial number
Timers/Output Compare/Input Capture
• Three 16-bit Timers/Counters (TC), each configurable as:
– One 16-bit TC with two compare/capture channels
– One 8-bit TC with two compare/capture channels
– One 32-bit TC with two compare/capture channels, by using two TCs
• Up to three 24-bit Timers/Counters for Control (TCC), with configurable
extensions:
– Fault Detection
– Dithering
– Dead-time insertion
– Pattern Generation
• One 16-bit Timers/Counter for Control (TCC), with fault detection support
• 32-bit Real-Time Counter (RTC) with clock/calendar functions
• PWM Outputs using TC and TCC peripherals:
– Up to eight PWM outputs on each 24-bit TCC0 and TCC3
– Up to four PWM outputs on 24-bit TCC1
– Up to two PWM outputs on 16-bit TCC2
– Up to two PWM outputs on each 16-bit TC
• Watchdog Timer (WDT) with Window mode
Communication Interfaces
• USB Full-Speed Device and Host
– Crystal-less operation in Device mode using DFLL48M
– Supports 8 IN endpoints and 8 OUT endpoints in Device mode, no
endpoint size limitations
– Supports 8 physical pipes in Host mode, no pipe size limitations
– Integrated serial resistors
• Up to six Serial Communication Interfaces (SERCOM) that can operate as:
– USART with full-duplex and single-wire half-duplex configuration
– I2C up to 3.4 Mbit/s (High-Speed mode)
– Serial Peripheral Interface (SPI)
– ISO7816
– RS-485
– LIN Host/Client
– ATECC608B-TFLXTLS CryptoAuthentication interface (optional)
• One Inter-IC Sound Interface (I2S) with up to 8-slot TDM and PDM
microphone support (optional)
Advanced Analog and Touch
• One 12-bit 1 MSPS Analog-to-Digital Converter (ADC) with up to 24
channels
• Up to four Analog Comparators (AC) with window compare function
• Two 12-bit 1 MSPS Digital-to-Analog Converter (DAC) that can operate as:
– Two independent DACs in Single-Ended mode
– One single DAC in Differential mode
• Three Operational Amplifiers (OPAMP)
• One enhanced Peripheral Touch Controller (PTC):
– Up to 32 self-capacitance channels
– Up to 256 (16 x 16) mutual-capacitance channels
– Low-power, high-sensitivity, environmentally robust capacitive
touch buttons, sliders, wheels, and trackpads
– Driven Shield Plus for better noise immunity and moisture
tolerance
– Parallel Acquisition (Boost Mode) through Polarity control
– Hardware noise filtering and noise signal desynchronization for
high conducted immunity
– Supports wake-up on touch from Standby Sleep mode
Clock Management
• Flexible clock distribution optimized for low power
• 32.768 kHz crystal oscillator (XOSC32K)
• 32.768 kHz ultra low-power internal RC oscillator (OSCULP32K)
• 0.4 to 32 MHz crystal oscillator (XOSC)
• 16/12/8/4 MHz low-power internal RC oscillator (OSC16M)
• 48 MHz digital Frequency-Locked Loop (DFLL48M)
• 32 MHz Ultra low-power digital Frequency-Locked Loop (DFLLULP)
• 32-96 MHz fractional digital Phase-Locked Loop (FDPLL96M)
• Clock Failure Detection on both crystal oscillators (CFD)
• One frequency meter (FREQM)
Debugger Development Support
• Two-pin Serial Wire Debug (SWD) programming and debugging interface
• Four hardware breakpoints, two data watchpoints
Input/Output (I/O)
• Up to 80 programmable I/O lines
• Up to sixteen external interrupts (EIC)
• One non-maskable interrupt (NMI)
• Up to Four-LUTs Configurable Custom Logic (CCL) that supports:
– Combinatorial logic functions, such as AND, NAND, OR, and NOR
– Sequential logic functions, such as Flip-Flop and Latches
Software and Tools Support: Develop Prototypes Quickly With Our
Powerful, Easy-to-Use Ecosystem
• Get code off to a head start with MPLAB Code Configurator
• Graphically configure peripherals, software libraries, and supported RTOS
with MPLAB Harmony
• Download MPLAB® XC Compiler
• Take advantage of MPLAB X IDE's support for 32-bit MCUs
• Select the best debugger for the project: MPLAB ICE, MPLAB ICD, or
PICkit™




Similar Part No. - PIC32CM2532LS60100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32CM-MC00 MICROCHIP-PIC32CM-MC00 Datasheet
7Mb / 990P
5-Volt Motor Control MCU
2021
PIC32CMMC00 MICROCHIP-PIC32CMMC00 Datasheet
7Mb / 990P
5-Volt Motor Control MCU
2021
More results


Similar Description - PIC32CM2532LS60100

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8634 SEMTECH-SX8634 Datasheet
1,005Kb / 80P
Low Power, Capacitive Button and Slider Touch Controller with Enhanced LED
SX8635 SEMTECH-SX8635 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Wheel Touch Controller with Enhanced LED
SX8644 SEMTECH-SX8644_11 Datasheet
748Kb / 78P
Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
logo
Holtek Semiconductor In...
BS66F340 HOLTEK-BS66F340 Datasheet
7Mb / 256P
Enhanced Touch A/D Flash MCU with LED Driver
December 15, 2016
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
Enhanced Touch Voice A/D Flash MCU
December 15, 2016
logo
NXP Semiconductors
K32W1480 NXP-K32W1480 Datasheet
1Mb / 90P
Ultra-low-power, Highly Secure, Multiprotocol Wireless MCU
Rev. 3 - 12/2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com