Electronic Components Datasheet Search
  English  ▼

X  

TA7259F Datasheet (PDF) - Toshiba Semiconductor

TA7259F Datasheet PDF - Toshiba Semiconductor
Part # TA7259F
Download  TA7259F Download
File Size   423.37 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-PHASE BRUSHLESS DC MOTOR DRIVER IC

TA7259F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7259F Datasheet PDF - Toshiba Semiconductor

Part # TA7259F
Download  TA7259F Click to download

File Size   423.37 Kbytes
Page   18 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 3-PHASE BRUSHLESS DC MOTOR DRIVER IC

TA7259F Datasheet (HTML) - Toshiba Semiconductor


TA7259F Product details

Features
■ Wide operating supply voltage range: VCC (opr.) MIN. = 7 V
■ Forward and reverse rotation is controlled simply by means of a CW / CCW control signal fed into FRS.
■ High sensitivity of position sensing amplifier. (VH = 10 mV (Typ.), TOSHIBA Ga−As Hall sensor “THS” series is recommended.
■ 3−phase Bi-directional driver and output current up to ±1.2 A.
■ Few external parts required.
■ Surge-protect diode connected for all input terminals (position sensing, control, CW / CCW control inputs). Weight HDIP14−P−500−2.54A : 3.00 g (Typ.) HSOP20−P−450−1.00 : 0.79 g (Typ.) The TA7259FG is a Pb free product. The TA7259P is an Sn-plated product including Pb. The following conditions apply to solderability: *Solderability 1. Use of Sn-37Pb solder bath *solder bath temperature = 230°C *dipping time = 5 seconds *number of times = once *use of R-type flux 2. Use of Sn-3.0Ag-0.5Cu solder bath *solder bath temperature = 245°C *dipping time = 5 seconds *the number of times = once *use of R-type flux




Similar Part No. - TA7259F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7259F TOSHIBA-TA7259F Datasheet
292Kb / 9P
DC MOTOR DRIVER IC
27-Aug-1997
More results


Similar Description - TA7259F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
New Japan Radio
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
Single-phase DC Brushless Motor Driver IC
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
3-phase Brushless DC Motor Driver
March, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com