|
General description
The 74HC193 and 74HCT193 are high-speed Si-gate CMOS devices and are pin
compatible with Low power Schottky TTL (LSTTL). They are specified in compliance with
JEDEC standard no. 7A.
The 74HC193 and 74HCT193 are 4-bit synchronous binary up/down counters. Separate
up/down clocks, CPU and CPD respectively, simplify operation. The outputs change state
synchronously with the LOW-to-HIGH transition of either clock input. If the CPU clock is
pulsed while CPD is held HIGH, the device will count up. If the CPD clock is pulsed while
CPU is held HIGH, the device will count down. Only one clock input can be held HIGH at
any time, or erroneous operation will result. The device can be cleared at any time by the
asynchronous master reset input (MR); it may also be loaded in parallel by activating the
asynchronous parallel load input (PL).
The 74HC193 and 74HCT193 each contain four master-slave JK flip-flops with the
necessary steering logic to provide the asynchronous reset, load, and synchronous count
up and count down functions.
Each flip-flop contains JK feedback from slave to master, such that a LOW-to-HIGH
transition on the CPD input will decrease the count by one, while a similar transition on the
CPU input will advance the count by one.
One clock should be held HIGH while counting with the other, otherwise the circuit will
either count by twos or not at all, depending on the state of the first flip-flop, which cannot
toggle as long as either clock input is LOW. Applications requiring reversible operation
must make the reversing decision while the activating clock is HIGH to avoid erroneous
counts.
The terminal count up (TCU) and terminal count down (TCD) outputs are normally HIGH.
When the circuit has reached the maximum count state of 15, the next HIGH-to-LOW
transition of CPU will cause TCU to go LOW.
TCU will stay LOW until CPU goes HIGH again, duplicating the count up clock.
Likewise, the TCD output will go LOW when the circuit is in the zero state and the
CPD goes LOW. The terminal count outputs can be used as the clock input signals to the
next higher order circuit in a multistage counter, since they duplicate the clock waveforms.
Multistage counters will not be fully synchronous, since there is a slight delay time
difference added for each stage that is added.
The counter may be preset by the asynchronous parallel load capability of the circuit.
Information present on the parallel data inputs (D0 to D3) is loaded into the counter and
appears on the outputs (Q0 to Q3) regardless of the conditions of the clock inputs when
the parallel load (PL) input is LOW. A HIGH level on the master reset (MR) input will
disable the parallel load gates, override both clock inputs and set all outputs (Q0 to
Features
n Synchronous reversible 4-bit binary counting
n Asynchronous parallel load
n Asynchronous reset
n Expandable without external logic
|