Electronic Components Datasheet Search
  English  ▼

X  

SSM6K30FE Datasheet (PDF) - Toshiba Semiconductor

SSM6K30FE Datasheet PDF - Toshiba Semiconductor
Part # SSM6K30FE
Download  SSM6K30FE Download
File Size   277.11 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (?-MOS?? High speed switching DC-DC Converter

SSM6K30FE Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM6K30FE Datasheet PDF - Toshiba Semiconductor

Part # SSM6K30FE
Download  SSM6K30FE Click to download

File Size   277.11 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (?-MOS?? High speed switching DC-DC Converter

SSM6K30FE Datasheet (HTML) - Toshiba Semiconductor


SSM6K30FE Product details

○ High-speed switching
○ DC-DC Converter

• Small package
• Low RDS (ON): RDS(ON) = 210 mΩ (max) (@VGS = 10 V)
                          : R DS(ON) = 420 mΩ (max) (@VGS = 4 V)
• High-speed switching: ton = 19 ns (typ.)
                                    : toff = 10 ns (typ.)




Similar Part No. - SSM6K30FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6K30FE TOSHIBA-SSM6K30FE Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - SSM6K30FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J01F TOSHIBA-SSM3J01F Datasheet
614Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications
SSM3J108TU TOSHIBA-SSM3J108TU Datasheet
143Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J110TU TOSHIBA-SSM3J110TU Datasheet
143Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J111TU TOSHIBA-SSM3J111TU Datasheet
476Kb / 5P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J112TU TOSHIBA-SSM3J112TU Datasheet
131Kb / 6P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J113TU TOSHIBA-SSM3J113TU Datasheet
128Kb / 6P
Field Effect Transistor Silicon P-Channel MOS Type High Speed Switching Applications
SSM3J117TU TOSHIBA-SSM3J117TU Datasheet
132Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
SSM3J118TU TOSHIBA-SSM3J118TU Datasheet
131Kb / 5P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
SSM3J305T TOSHIBA-SSM3J305T Datasheet
168Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications
2SJ238 TOSHIBA-2SJ238 Datasheet
350Kb / 5P
Field Effect Transistor Silicon P Channel MOS Type (L2--MOS IV) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com