Electronic Components Datasheet Search
  English  ▼

X  

1030031 Datasheet (PDF) - Theben AG

1030031 Datasheet PDF - Theben AG
Part # 1030031
Download  1030031 Download
File Size   715.32 Kbytes
Page   3 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Presence and motion detectors Wall installation indoor

1030031 Datasheet (PDF)

Go To PDF Page Download Datasheet
1030031 Datasheet PDF - Theben AG

Part # 1030031
Download  1030031 Click to download

File Size   715.32 Kbytes
Page   3 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Presence and motion detectors Wall installation indoor

1030031 Datasheet (HTML) - Theben AG


1030031 Product details

Description
- Passive infra-red motion detector for wall installation
- Half-round detection area 200°, Ø 16 m, (100 m2)
- 1 channel light (Triac, 230 V), 2 wire connection, ideal for retrofitting
- Compatible with branded switches, replaces conventional light switches
- Mixed light measurement suitable for incandescent and halogen lamps (no electronic ballast)
- Area limit via lens attachment
- Manual AUTO/ON/OFF switching by simple adjustment of cover flap
- Teach-in of current brightness value
- Advance shut-off warning through dimming 15 seconds before light switches off
- Instant start-up possible via factory preset
- No unintentional adjustment due to covered up controls
- Adjustable brightness switching value and switch-off delay
- Sensitivity can be reduced to limit detection area
- Pulse function
- Test function




Similar Part No. - 1030031

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1030030000 WEIDMULLER-1030030000 Datasheet
308Kb / 4P
SCD 3.81/22/180G 3.2SN OR BX
logo
K.A. Schmersal GmbH & C...
103003602 SCHMERSAL-103003602 Datasheet
859Kb / 10P
Universal coding with RFID technology
23/09/2025
103003603 SCHMERSAL-103003603 Datasheet
861Kb / 10P
Repeated individual coding with RFID technology
23/09/2025
103003605 SCHMERSAL-103003605 Datasheet
860Kb / 10P
Universal coding with RFID technology
23/09/2025
103003607 SCHMERSAL-103003607 Datasheet
859Kb / 10P
Repeated individual coding with RFID technology
23/09/2025
More results


Similar Description - 1030031

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
Wall-Mount Bracket and Installation Accessories for select UPS Systems
logo
List of Unclassifed Man...
302 ETC2-302 Datasheet
98Kb / 1P
Indicates Phase Presence
logo
Laird Tech Smart Techno...
OC24519 LSTD-OC24519 Datasheet
224Kb / 1P
ASSEMBLY AND INSTALLATION
logo
Ledil, Inc.
CA15365 LEDIL-CA15365 Datasheet
1Mb / 4P
Oval beam for wall-washing. Assembly with black holder and installation tape.
CA16308 LEDIL-CA16308 Datasheet
5Mb / 5P
Asymmetric beam for wall-washing. Assembly with holder and installation tape.
logo
Maxtena Inc.
MEA-1710-WM MAXTENA-MEA-1710-WM Datasheet
1Mb / 3P
Indoor Omnidirectional Wall mount Antenna
REV A
logo
STMicroelectronics
STHS34PF80 STMICROELECTRONICS-STHS34PF80 Datasheet
1Mb / 13P
Low-power, high-sensitivity infrared sensor for presence and motion detection
21-Dec-2021
logo
List of Unclassifed Man...
GBSH124 ETC-GBSH124 Datasheet
884Kb / 9P
SHOWER WALL INSTALLATION MANUAL
2018-07-16
logo
Emerson Network Power
MITX-CORE-820 EMERSON-NETWORKPOWER-MITX-CORE-820 Datasheet
2Mb / 104P
Installation and Use
August 2011
logo
E+E Elektronik Ges.m.b....
EE451 EPLUSE-EE451 Datasheet
2Mb / 9P
Wall-mounted Temperature Sensor for Indoor and Outdoor
11-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com