Electronic Components Datasheet Search
  English  ▼

X  

OPA627 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA627 Datasheet PDF - Texas Instruments
Part # OPA627
Download  OPA627 Download
File Size   1536.58 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA6x7 Precision, High-Speed JFET Operational Amplifiers

OPA627 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA627 Datasheet PDF - Texas Instruments

Part # OPA627
Download  OPA627 Click to download

File Size   1536.58 Kbytes
Page   45 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPA6x7 Precision, High-Speed JFET Operational Amplifiers

OPA627 Datasheet (HTML) - Texas Instruments


OPA627 Product details

1 Features
• Very low noise: 4.5nV/√Hz at 10kHz
• Fast settling time:
– OPA627: 550ns to 0.01%
– OPA637: 450ns to 0.01%
• Low VOS: 100μV maximum
• Low drift: 0.8μV/°C maximum
• Low IB: 5pA maximum
• Gain options:
– OPA627: Unity-gain stable
– OPA637: Stable in gain ≥ 5

2 Applications
• Precision instrumentation
• Fast data acquisition
• DAC output amplifier
• Optoelectronics
• Sonar, ultrasound
• High-impedance sensor amps
• High-performance audio circuitry
• Active filters

3 Description
The OPA627 and OPA637 (OPA6x7) operational
amplifiers (op amps) provide a new level of
performance in a precision FET operational amplifier.
When compared to the popular OPA111 op amp, the
OPA6x7 have lower noise, lower offset voltage, and
higher speed. The OPA6x7 are useful in a broad
range of precision and high-speed analog circuitry.
The OPA6x7 is fabricated on a high-speed,
dielectrically-isolated, complementary NPN/PNP
process. The OPA6x7 operate over a wide powersupply
voltage range of ±4.5V to ±18V. Laser-trimmed
input circuitry provides high accuracy and low-noise
performance comparable with the best bipolar-input
op amps.
High-frequency complementary transistors allow
increased circuit bandwidth, attaining dynamic
performance not possible with previous precision FET
op amps. The OPA627 is unity-gain stable. The
OPA637 is stable in gains ≥ 5.
State-of-the-art, precision FET transistors achieve
extremely low input bias currents without
compromising input voltage noise performance. Low
input bias current is maintained over a wide input
common-mode voltage range with unique cascode
circuitry.
The OPA6x7 are available in SOIC-8 and TO-99
packages. Industrial temperature range models are
available.




Similar Part No. - OPA627

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI-OPA627 Datasheet
381Kb / 27P
WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI-OPA627 Datasheet
390Kb / 20P
1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
OPA627 TI-OPA627 Datasheet
267Kb / 16P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA627 TI-OPA627 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results


Similar Description - OPA627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-15 AD-OP-15 Datasheet
776Kb / 14P
PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1055S8 LINER-LT1055S8 Datasheet
162Kb / 3P
Precision, High Speed, JFET Input Operational Amplifiers?
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
Precision, High Speed JFET-Input Operational Amplifiers
logo
Analog Devices
OP15 AD-OP15 Datasheet
429Kb / 12P
Precision JFET-Input Operational Amplifiers
9/02-Data Sheet changed from REV. 0 to REV. A.
logo
Linear Technology
LT1055 LINER-LT1055 Datasheet
301Kb / 12P
Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
logo
Analog Devices
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
Precision, High Speed, JFET Input Operational Amplifiers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com