Electronic Components Datasheet Search
  English  ▼

X  

TC74AC283F Datasheet (PDF) - Toshiba Semiconductor

TC74AC283F Datasheet PDF - Toshiba Semiconductor
Part # TC74AC283F
Download  TC74AC283F Download
File Size   395.93 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Binary Full Adder

TC74AC283F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC283F Datasheet PDF - Toshiba Semiconductor

Part # TC74AC283F
Download  TC74AC283F Click to download

File Size   395.93 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuit Silicon Monolithic 4-Bit Binary Full Adder

TC74AC283F Datasheet (HTML) - Toshiba Semiconductor


TC74AC283F Product details

4-Bit Binary Full Adder

The TC74AC283 is an advanced high speed CMOS 4-BIT BINARY FULL ADDER fabricated with silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.

Features
• High speed: tpd = 7.0 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min) Capability of driving 50 Ω transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Pin and function compatible with 74F283




Similar Part No. - TC74AC283F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC280F TOSHIBA-TC74AC280F Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
TC74AC280F TOSHIBA-TC74AC280F Datasheet
361Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
TC74AC280FN TOSHIBA-TC74AC280FN Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
TC74AC280FN TOSHIBA-TC74AC280FN Datasheet
361Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
More results


Similar Description - TC74AC283F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
4-bit binary full adder
January 1995
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
4-BIT BINARY FULL ADDER
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
4-BIT BINARY FULL ADDER
logo
Toshiba Semiconductor
TC74ACT161P TOSHIBA-TC74ACT161P_07 Datasheet
654Kb / 13P
CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
TC74HC283AP TOSHIBA-TC74HC283AP_07 Datasheet
399Kb / 10P
4-Bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
4-BIT BINARY FULL ADDER
Aug-2001
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
4-bit Binary Full Adder
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
4-bit Binary Full Adder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com