Electronic Components Datasheet Search
  English  ▼

X  

TSD03 Datasheet (PDF) - Texas Instruments

TSD03 Datasheet PDF - Texas Instruments
Part # TSD03
Download  TSD03 Download
File Size   949.14 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TSDxx Unidirectional TVS Diodes in SOD-323

TSD03 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD03 Datasheet PDF - Texas Instruments

Part # TSD03
Download  TSD03 Click to download

File Size   949.14 Kbytes
Page   17 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TSDxx Unidirectional TVS Diodes in SOD-323

TSD03 Datasheet (HTML) - Texas Instruments


TSD03 Product details

1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 25-60A (8/20μs)
• IO capacitance < 20 (typical)
• Ultra low leakage current: 50nA (maximum)
• Industrial temperature range: –55°C to +150°C
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)

2 Applications
• USB VBUS
• GPIO
• Push buttons
• Grid infrastructure
• EPOS
• Portable electronics

3 Description
The TSDxx are a family of unidirectional TVS
protection diodes designed for clamping harmful
transients such as ESD and surge. The TSDxx is
rated to dissipate ESD strikes up to ±30kV (contact
and air gap discharge) and also meets the maximum
level specified in the IEC 61000-4-2 international
standard (Level 4).
Combining the robust clamping performance and low
capacitance of this device, TSDxx is an excellent TVS
diode to protect both data and power lines in many
different applications.
The TSDxx is offered in the industry standard, leaded
SOD-323 package to enable easy solderability.




Similar Part No. - TSD03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSD03 TI2-TSD03 Datasheet
1Mb / 20P
TSDxx Unidirectional TVS Diodes in SOD-323
REVISED MAY 2025
logo
FENGJUI TECHNOLOGY CO.,...
TSD0302 FENGJUI-TSD0302 Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
STMicroelectronics
TSD035 STMICROELECTRONICS-TSD035 Datasheet
203Kb / 6P
ASYMMETRICAL THYRISTOR THYRISTOR ASYMETRIQUE
logo
Texas Instruments
TSD03DYFR TI2-TSD03DYFR Datasheet
1Mb / 20P
TSDxx Unidirectional TVS Diodes in SOD-323
REVISED MAY 2025
logo
TECH PUBLIC Electronics...
TSD03DYFR-TP TECHPUBLIC-TSD03DYFR-TP Datasheet
1Mb / 4P
1- Line Low Capacitance Uni -directional TVS Diode
More results


Similar Description - TSD03

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
BAV16WS DAYA-BAV16WS Datasheet
179Kb / 2P
SOD-323 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148WS WILLAS-1N4148WS Datasheet
520Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B5817WS-1A-SOD-323 DGNJDZ-B5817WS-1A-SOD-323 Datasheet
572Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Nanjing International G...
1N4148WS DGNJDZ-1N4148WS_V01 Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
B5817WS DGNJDZ-B5817WS_V01 Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate Diodes
logo
Texas Instruments
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
logo
Guangdong Youtai Semico...
SD03 UMW-SD03 Datasheet
435Kb / 3P
Unidirectional TVS Diodes
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com