Electronic Components Datasheet Search
  English  ▼

X  

1646505 Datasheet (PDF) - PHOENIX CONTACT

1646505 Datasheet PDF - PHOENIX CONTACT
Part # 1646505
Download  1646505 Download
File Size   1502.47 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX T2HBI24-3AC32DC200-10M2 - Vehicle charging inlet

1646505 Datasheet (PDF)

Go To PDF Page Download Datasheet
1646505 Datasheet PDF - PHOENIX CONTACT

Part # 1646505
Download  1646505 Click to download

File Size   1502.47 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CHARX T2HBI24-3AC32DC200-10M2 - Vehicle charging inlet

1646505 Datasheet (HTML) - PHOENIX CONTACT


1646505 Product details

CHARX connect universal, AC/DC CCS Typ 2, Vehicle charging inlet, up to 500 A in Boost
mode, 200 A permanent, 1000 V DC, 32 A , 480 V AC, Single wires, length: 10 m, locking
actuator: 24 V, 4-pos., Front and rear mounting, M6, housing: black, for charging with alternating
current (AC) and with direct current (DC), IEC 62196-2, IEC 62196-3, A protective cap is
supplied as standard for the DC and AC contacts




Similar Part No. - 1646505

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1646500 TURCK-1646500 Datasheet
472Kb / 3P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1646502 PHOENIX-1646502 Datasheet
62Kb / 4P
Housing - HC-B 10-SFQD-74/O1M25
More results


Similar Description - 1646505

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1162144 PHOENIX-1162144 Datasheet
606Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC200-2,0M2
1211201 PHOENIX-1211201 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-1AC32DC125-2,0M2
1211202 PHOENIX-1211202 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-1AC32DC200-2,0M2
1211206 PHOENIX-1211206 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-1AC32DC250-2,0M2
1211210 PHOENIX-1211210 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC125-2,0M2
1211212 PHOENIX-1211212 Datasheet
605Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC200-2,0M2
1211217 PHOENIX-1211217 Datasheet
603Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-DC200-2,0M2
1211220 PHOENIX-1211220 Datasheet
602Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-DC250-2,0M2
1270301 PHOENIX-1270301 Datasheet
604Kb / 10P
Vehicle charging inlet - CHARX T2HBI24-3AC32DC250-2,0M2
1328277 PHOENIX-1328277 Datasheet
676Kb / 10P
Vehicle charging inlet - CHARX T2HBI12-3AC32DC200-3,0M2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com