Electronic Components Datasheet Search
  English  ▼

X  

SIC976XD Datasheet (PDF) - Shenzhen SI Semiconductors Co.,LTD.

SIC976XD Datasheet PDF - Shenzhen SI Semiconductors Co.,LTD.
Part # SIC976XD
Download  SIC976XD Download
File Size   726.53 Kbytes
Page   14 Pages
Manufacturer  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Direct Link  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.
Description Main Line Power Up Non-Isolated Buck APFC LED Driver

SIC976XD Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC976XD Datasheet PDF - Shenzhen SI Semiconductors Co.,LTD.

Part # SIC976XD
Download  SIC976XD Click to download

File Size   726.53 Kbytes
Page   14 Pages
Manufacturer  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Direct Link  http://www.sisemi.com.cn/en_index.aspx
Logo SISEMIC - Shenzhen SI Semiconductors Co.,LTD.
Description Main Line Power Up Non-Isolated Buck APFC LED Driver

SIC976XD Datasheet (HTML) - Shenzhen SI Semiconductors Co.,LTD.


SIC976XD Product details

General Description
The SIC976XD are built-in HV start-up and IC power supply circuit, main line power up
constant current LED regulators with high current accuracy which applies to single stage
step-down power factor corrected LED drivers. 600V power MOSFET is integrated, which can
significantly simplify the design of LED lighting system.
High accuracy of output current is achieved by sampling the output current directly. Quasi
Resonant (QR) Buck topology reduces the switching losses and largely increases the efficiency.
The SIC976XD are supplied from the main line, the VDD power supply resistors and power
feedback circuits from LED chips are not needed, save cost and help for assemble efficiency.
The SIC976XD have multi-protection functions which largely enhance the safety and
reliability of the system, including VDD over-voltage protection, VDD UVLO, short-circuit
protection, LED open protection, cycle-by-cycle current limit and over-temperature protection.
The SIC9762D available in SOP-7 package, SIC9763D available in SOP-7 & DIP-7package,
SIC9764D available in DIP-7 package, SIC9767D available in SOP-7 package.

Features
·Active PFC for High power factor and low THD
·±3% LED output current accuracy
·Built-in HV start-up and IC power supply circuit
·600V high voltage MOSFET integrated
·Quasi-Resonant (QR) Buck topology
·System efficiency up to 95%
·Ultra low start up & operating current
·Cycle-by-cycle current limit
·LED short protection
·LED open protection
·Over-temperature protection




Similar Part No. - SIC976XD

ManufacturerPart #DatasheetDescription
logo
Shenzhen SI Semiconduct...
SIC9701 SISEMIC-SIC9701 Datasheet
668Kb / 8P
High Precision Non-Isolated Buck APFC LED Driver
SIC9702 SISEMIC-SIC9702 Datasheet
339Kb / 7P
High Precision Non-Isolated Buck APFC LED Driver
SIC9732 SISEMIC-SIC9732 Datasheet
888Kb / 8P
High Precision Non-Isolated Buck APFC LED Driver
SIC9733 SISEMIC-SIC9733 Datasheet
888Kb / 8P
High Precision Non-Isolated Buck APFC LED Driver
SIC9752 SISEMIC-SIC9752 Datasheet
506Kb / 8P
High Precision Non-Isolated Buck APFC LED Drive
More results


Similar Description - SIC976XD

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7830A MAXIC-MT7830A Datasheet
158Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7840 MAXIC-MT7840 Datasheet
257Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7844B MAXIC-MT7844B Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7845 MAXIC-MT7845 Datasheet
155Kb / 1P
Non-isolated APFC BUCK LED Driver
MT7855BLD MAXIC-MT7855BLD Datasheet
269Kb / 1P
Non-isolated APFC BUCK LED Driver
logo
Bright Power Semiconduc...
BP2333 BPS-BP2333 Datasheet
208Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356C BPS-BP2356C Datasheet
145Kb / 2P
Non-isolated Buck APFC LED Driver
BP2356F BPS-BP2356F Datasheet
144Kb / 2P
Non-isolated Buck APFC LED Driver
logo
Maxic Technology Corpor...
MT9513DF MAXIC-MT9513DF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
MT9514SF MAXIC-MT9514SF Datasheet
82Kb / 1P
Non-isolated APFC BUCK LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com